M93C46-RDS6TG/S
AI

The **M93C46-RDS6TG/S** is a specific variant of the widely used 93C46 family of serial EEPROM (Electrically Erasable Programmable Read-Only Memory) chips. It is manufactured by **STMicroelectronics**.
---
## 1. Technical Specifications
This device is a low-voltage, serial memory component typically used for storing configuration data, calibration constants, or device IDs.
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (1,024 bits) |
| **Organization** | User-selectable: 64 x 16-bit or 128 x 8-bit |
| **Interface** | MICROWIRE (Serial Peripheral Interface variant) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | Up to 2 MHz (at 5V) |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
## 2. Part Number Breakdown
Understanding the suffix is critical for procurement and PCB design:
* **M93C46**: Base model (1 Kbit Microwire EEPROM).
* **-R**: Operating voltage range (1.8V to 5.5V).
* **D**: Device manufactured in a specific process technology (often indicates a shrinkage/revision).
* **S**: Package code for **TSSOP8** (3mm width).
* **6**: Temperature range 6 (-40 to +85 °C).
* **TG**: Tape & Reel packing with Green/RoHS compliance.
* **S**: Specific STMicroelectronics internal manufacturing code/site.
---
## 3. Pinout Configuration (TSSOP8)
The device uses a standard 8-pin layout to handle serial communication:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select (Active High) |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Organization Select (High: x16, Low: x8) |
| 7 | **DU** | Don't Use (Internal connection, leave floating or GND) |
| 8 | **Vcc** | Supply Voltage |
---
## 4. Key Features & Usage
### Memory Organization
The **ORG** pin is a hardware configuration pin. If tied to $V_{cc}$, the memory is addressed as 64 words of 16 bits each. If tied to $V_{ss}$, it functions as 128 bytes of 8 bits each.
### Data Protection
* **Software Write Protection**: The device includes a "Write Disable" (WDS) instruction to prevent accidental data corruption during power-up or power-down sequences.
* **Ready/Busy Status**: During a write cycle, the data output pin (**Q**) can be polled to check if the internal programming cycle is complete.
### Typical Applications
* Ethernet MAC addresses.
* Monitor/TV calibration data.
* Automotive electronic control units (ECUs).
* Small firmware configurations for microcontrollers.
---
- ⤷
What is the difference between the MICROWIRE interface and standard SPI?
- ⤷ How do I calculate the timings for the 'Ready/Busy' polling on this chip?
- ⤷ Can this chip be powered by a 3.3V system without level shifters?