AI

The **M93C46-RMB3G** is a specific variant of the 93C46 family, which is a widely used **Serial Microwire EEPROM** (Electrically Erasable Programmable Read-Only Memory). It is manufactured by **STMicroelectronics**.
---
## 1. Technical Specifications
The part number breaks down into specific technical attributes regarding capacity, voltage, and packaging.
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (1,024 bits) |
| **Memory Organization** | Configurable as 64 x 16-bit or 128 x 8-bit |
| **Interface** | Microwire (3-Wire Serial Interface) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) |
| **Write Cycles** | More than 1,000,000 cycles |
| **Data Retention** | 40 Years |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
---
## 2. Key Internal Components & Functions
The device is composed of several electronic subsystems that manage data storage and retrieval:
### A. Memory Array
The core of the chip is the **Non-volatile Memory Matrix**. Because it is a 1 Kbit chip, it stores 1024 bits of information that remain intact even when power is removed.
### B. Control Logic & Instruction Decoder
Since this uses the Microwire protocol, the chip includes logic to decode specific instructions:
* **READ:** Read data from memory.
* **WRITE:** Write data to memory.
* **ERASE:** Set bits to '1'.
* **EWEN/EWDS:** Erase/Write Enable and Disable (a safety feature to prevent accidental data corruption).
### C. The "ORG" Pin (Organization Select)
A critical feature of the M93C46 is the **Organization** pin.
* If connected to **Vcc**, the memory is organized as **64 words of 16 bits**.
* If connected to **GND**, the memory is organized as **128 bytes of 8 bits**.
---
## 3. Decoding the Part Number (M93C46-RMB3G)
Understanding the suffix is essential for identifying the specific physical and thermal characteristics:
* **M93C46**: Base part number (1 Kbit Microwire EEPROM).
* **-R**: Indicates the operating voltage range is **1.8V to 5.5V**.
* **MB**: Specifies the package type, which is **UFDFPN8** (MLP 2x3mm).
* **3**: Indicates the Temperature Grade (Range 3: **-40°C to +125°C**), suitable for automotive or harsh industrial use.
* **G**: Indicates **ECOPACK2** (RoHS compliant, Halogen-free/Lead-free).
---
## 4. Typical Application Circuit
When integrating this part into a circuit, four main signal lines are required to communicate with a Microcontroller (MCU):
```text
MCU Side M93C46-RMB3G Side
[ GPIO ] --------> [ S ] (Chip Select)
[ SCK ] --------> [ D ] (Serial Clock)
[ MOSI ] --------> [ C ] (Serial Data Input)
[ MISO ] <-------- [ Q ] (Serial Data Output)
```
### Common Uses:
* **Parameter Storage:** Storing calibration data or user settings in consumer electronics.
* **Identification:** Storing MAC addresses or serial numbers.
* **Automotive Systems:** Due to the "Grade 3" temperature rating, it is often used in engine sensors or dashboard controllers.
---
- ⤷
What are the main differences between the Microwire interface and the I2C interface for EEPROMs?
- ⤷ How does the 'Write Ready/Busy' polling function work on the M93C46?
- ⤷ Can the M93C46-RMB3G be used in automotive applications requiring AEC-Q100 qualification?