M93C46-RMB3G/W
AI

## Technical Overview of M93C46-RMB3G/W
The **M93C46-RMB3G/W** is a specific variant of the 93C46 family, which are **1-Kbit Low Voltage Serial Microwire Bus EEPROMs** (Electrically Erasable Programmable Read-Only Memory). These devices are commonly used for storing configuration data, user preferences, and calibration parameters in embedded systems.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (1,024 bits) |
| **Organization** | User-selectable: 64 x 16-bit or 128 x 8-bit |
| **Interface** | Microwire (3-wire serial) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
---
### 2. Part Number Breakdown (Nomenclature)
Understanding the suffix helps identify the specific environmental and packaging characteristics:
* **M93C46**: Base part number for the 1-Kbit Microwire EEPROM.
* **-R**: Indicates a wide operating voltage range (1.8V to 5.5V).
* **MB**: Represents the **UFDFPN8** (2x3 mm) package.
* **3**: Temperature range 3 (-40°C to +125°C), suitable for automotive/industrial use.
* **G**: ECOPACK2 (RoHS compliant, Halogen-free).
* **W**: Usually denotes a specific wafer process or internal Revision code.
---
### 3. Pin Configuration
The device typically utilizes an 8-pin layout. Below is the functional mapping:
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select (Active High) |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Organization Select (High = x16, Low = x8) |
| 7 | **DU/NC** | Do Not Use / No Connection |
| 8 | **Vcc** | Supply Voltage |
---
### 4. Operational Modes
The M93C46 communicates via a master-slave protocol. The Master (Microcontroller) controls the following operations via instruction codes:
1. **READ**: Read data from memory at a specified address.
2. **WEN (Write Enable)**: Must be sent before any write/erase operation to prevent accidental data loss.
3. **WRITE**: Write data to the specified address.
4. **WRALL**: Write the same data to all memory locations.
5. **WDS (Write Disable)**: Disables writing to protect data.
---
### 5. Application Usage
Due to its small footprint and high reliability, this specific part is ideal for:
* **Automotive Modules:** Storing mileage or sensor calibration.
* **Industrial Controllers:** Saving set-points and operating hours.
* **Consumer Electronics:** Storing MAC addresses or Wi-Fi credentials.
- ⤷What are the differences between the x8 and x16 organization modes for this EEPROM?
- ⤷ How does the 'Ready/Busy' status work during a write cycle?
- ⤷ Are there compatible substitutes if the UFDFPN8 package is unavailable?