M93C46-RMB3P
AI

### M93C46-RMB3P Technical Overview
The **M93C46-RMB3P** is a specific variant of the 93C46 family of serial Electrically Erasable Programmable Read-Only Memory (EEPROM). It is commonly used for storing configuration data, calibration constants, and device IDs in embedded systems.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (1,024 bits) |
| **Organization** | Configurable: 64 x 16-bit or 128 x 8-bit |
| **Interface** | Microwire (3-wire) Serial Interface |
| **Operating Voltage** | 1.8V to 5.5V (Wide Range) |
| **Clock Frequency** | 2 MHz |
| **Package Type** | UFDFPN8 (Ultra-thin Fine-pitch Dual Flat No-lead) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
---
### 2. Pin Configuration & Functionality
The M93C46-RMB3P typically utilizes an 8-pin layout. Below is the standard functional mapping for this series:
* **S (Chip Select):** High level enables the device; Low level puts it in standby mode.
* **D (Serial Data Input):** Used to transfer opcodes, addresses, and data into the device.
* **Q (Serial Data Output):** Used to read data out of the device.
* **C (Serial Clock):** Synchronizes the communication between the microcontroller and the EEPROM.
* **ORG (Organization):** A hardware pin that defines the memory structure ($x8$ or $x16$).
* **Vcc / Vss:** Power supply and Ground pins.
---
### 3. Suffix Breakdown (Part Number Decoding)
To understand the specific "RMB3P" variant, we look at the STMicroelectronics nomenclature:
* **M93C46:** Base part number (1 Kbit Microwire EEPROM).
* **-R:** Indicates a supply voltage range of **1.8V to 5.5V**.
* **MB:** Refers to the **UFDFPN8** package (2x3 mm footprint).
* **3:** Indicates the device is **Grade 3** (Industrial temperature range -40 to +125°C, though often rated to 85°C in specific contexts).
* **P:** Denotes **RoHS compliant** and Antimony/Chlorine-free (Green) packaging.
---
### 4. Memory Endurance and Retention
* **Write Cycles:** Supports up to **4 million** write cycles per byte.
* **Data Retention:** Guaranteed for more than **200 years**, making it highly reliable for long-term storage in automotive or industrial applications.
* **Write Protection:** Includes a software write-disable mode to prevent accidental data corruption during power-up or power-down sequences.
---
- ⤷
How does the ORG pin affect the memory addressing of the M93C46?
- ⤷ What are the primary differences between the Microwire interface and standard SPI?
- ⤷ In what scenarios would the UFDFPN8 package be preferred over a standard SO8 package?