Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M93C46-RMB3TG

  • AI
    ## Overview of M93C46-RMB3TG The **M93C46-RMB3TG** is a 1-Kbit low-voltage Serial Electrically Erasable Programmable Read-Only Memory (EEPROM). It is commonly used for storing configuration data, user settings, and calibration parameters in embedded systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 1 Kbit (128 x 8 bits or 64 x 16 bits) | | **Interface** | MICROWIRE (3-wire Serial Bus) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) | | **Package Type** | UFDFPN8 (MLP8) - Ultra-thin Fine pitch Dual Flat No-lead | | **Operating Temp** | -40°C to +125°C | | **Endurance** | 4 Million Write Cycles | | **Data Retention** | 200 Years | --- ### 2. Pin Configuration and Functions The M93C46 generally utilizes a standard 8-pin layout. Below are the functional descriptions for the specific pins: 1. **S (Chip Select):** Activates the device when held high. 2. **D (Serial Data Input):** Receives instructions and data. 3. **Q (Serial Data Output):** Outputs data during read cycles. 4. **C (Serial Clock):** Synchronizes data movement in and out of the chip. 5. **ORG (Organization):** Sets the memory architecture (x8 or x16). 6. **VSS/VCC:** Ground and Power Supply pins. --- ### 3. Core Features & Architecture #### User-Selectable Organization One of the most important aspects of the M93C46 is the **ORG pin**. * If ORG is connected to **VCC**, the memory is organized as **64 words of 16 bits**. * If ORG is connected to **VSS**, the memory is organized as **128 bytes of 8 bits**. #### The MICROWIRE Protocol Unlike I2C (which uses addressing) or SPI (which is full-duplex), MICROWIRE is a simplified synchronous serial interface. It uses a **Start Bit** followed by an **Opcode** (Read, Write, Erase, etc.) and then the **Address**. #### Read/Write Protection The device includes a **Write Enable (WEN)** and **Write Disable (WDS)** instruction set to prevent accidental data corruption during power-up or power-down sequences. --- ### 4. Application Use Cases * **Automotive:** Storing odometer data or sensor calibration. * **Consumer Electronics:** Saving user preferences in TVs or smart appliances. * **Industrial:** Parameter storage for motor controllers.
    ✨ Follow-up Questions
    • ⤷ How does the MICROWIRE protocol differ from standard SPI?
    • ⤷ What are the power consumption levels in standby mode for this chip?
    • ⤷ Can you provide a wiring diagram for connecting this to an Arduino?