M93C46-RMB3TP
AI

The **M93C46-RMB3TP** is a 1-Kbit low-voltage serial Microwire EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is commonly used in consumer electronics for storing configuration data, calibration parameters, and device IDs.
---
## 1. Technical Specifications
Below are the key technical parameters for the M93C46-RMB3TP:
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (1,024 bits) |
| **Memory Organization** | Configurable: 64 x 16-bit or 128 x 8-bit |
| **Interface** | Microwire (3-wire serial interface) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) / 1 MHz (at 1.8V) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SOT23-8 (RMB) |
| **Write Cycles** | 4 million cycles (at 25°C) |
| **Data Retention** | 200 Years |
---
## 2. Key Features and Functionality
### A. Memory Organization (ORG Pin)
One of the most important features of this chip is the **ORG (Organization)** pin.
- If ORG is tied to **Vcc**, the memory is organized as **64 words of 16 bits** each.
- If ORG is tied to **VSS (Ground)**, the memory is organized as **128 words of 8 bits** each.
### B. Microwire Interface
The device communicates using a standard serial peripheral interface called Microwire, which utilizes four signals:
1. **S (Chip Select):** Activates the device.
2. **C (Serial Clock):** Synchronizes data transfer.
3. **D (Serial Data Input):** Receives instructions and data.
4. **Q (Serial Data Output):** Sends data back to the microcontroller.
### C. Low Power Consumption
The "R" in the part number signifies a low-voltage variant (1.8V to 5.5V). This makes it ideal for battery-powered devices where energy efficiency is critical.
---
## 3. Part Number Breakdown
Understanding the suffix codes:
- **M93C46**: Base part family (1 Kbit Microwire EEPROM).
- **-R**: Indicates a wide supply voltage range (1.8V to 5.5V).
- **MB**: Designates the package (SOT23-8, also known as UFDFPN8 in some contexts).
- **3**: Indicates an Operating Temperature range of -40 to +125°C.
- **TP**: Indicates Tape & Reel packaging.
---
## 4. Typical Application Circuit
When integrating this component into a design, pull-up/pull-down resistors are often used on the Chip Select and Data lines to ensure stable states during power-up.
```c
// Example Pseudocode for Reading a 16-bit word
// 1. Set S (Chip Select) HIGH
// 2. Send Start Bit (1) via D (Data In)
// 3. Send Opcode (10 for READ)
// 4. Send Address (6 bits for 64x16 mode)
// 5. Read 16 bits from Q (Data Out)
// 6. Set S (Chip Select) LOW
```
- ⤷What are the main differences between Microwire and I2C/SPI EEPROMs?
- ⤷ How do I handle the 'READY/BUSY' status during a write cycle?
- ⤷ Can this part be replaced with a higher density version like the M93C66?