M93C46-RMB3TP/W
AI

## M93C46-RMB3TP/W: Technical Overview
The **M93C46-RMB3TP/W** is a specific variant of the widely used 1Kbit Serial MICROWIRE EEPROM (Electrically Erasable Programmable Read-Only Memory). It is manufactured by **STMicroelectronics**.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (1,024 bits) |
| **Memory Organization** | Configurable: 64 x 16-bit or 128 x 8-bit |
| **Interface** | MICROWIRE (3-Wire Serial) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | Up to 2 MHz |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
---
### 2. Part Number Breakdown
Understanding the suffix helps identify specific features of this component:
* **M93C46**: The base part number for the 1Kbit MICROWIRE EEPROM.
* **-R**: Indicates the low-voltage range (1.8V to 5.5V).
* **MB**: Specifies the package type (**UFDFPN8**).
* **3**: Indicates the device is qualified for Industrial temperature range (-40°C to +125°C variant, though often binned for 85°C).
* **TP**: Tape and Reel packaging.
* **W**: Indicates the process technology (often refers to a specific wafer fab or design revision).
---
### 3. Pin Configuration (UFDFPN8)
The device typically follows a standard 8-pin layout:
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Organization Select (High = x16, Low = x8) |
| 7 | **DU** | Don't Use / No Connect |
| 8 | **Vcc** | Supply Voltage |
---
### 4. Core Features
* **Write Protection:** Includes a software write-protection mechanism to prevent accidental data erasure.
* **Sequential Read:** Allows for the continuous reading of the entire memory array by keeping Chip Select (S) high.
* **Self-Timed Write Cycle:** The device handles the timing for internal programming, including an automatic erase-before-write sequence.
* **Ready/Busy Signal:** The Data Output (Q) pin can be polled to check if the internal write cycle is complete.
---
### 5. Common Applications
Due to its small footprint and low power consumption, it is commonly used in:
* Storing configuration settings for networking hardware.
* Calibration data in industrial sensors.
* Identification data for modular peripherals.
* Basic BIOS storage for small microcontrollers.
- ⤷
What are the main differences between the MICROWIRE interface and standard SPI?
- ⤷ How does the 'ORG' pin affect the memory addressing of this chip?
- ⤷ Can this chip be used in automotive applications requiring AEC-Q100 qualification?