M93C46-RMB6
AI

## Detailed Technical Overview: M93C46-RMB6
The **M93C46-RMB6** is a low-voltage, serial Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by STMicroelectronics. It is commonly used for non-volatile storage of configuration data, calibration constants, and device IDs.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (1,024 bits) |
| **Organization** | 64 x 16-bit or 128 x 8-bit (Selectable) |
| **Interface** | MICROWIRE (3-wire serial) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) |
| **Write Cycles** | More than 1,000,000 cycles |
| **Data Retention** | > 40 Years |
| **Package Type** | UFDFPN8 (MLP8) - Ultra Thin Dual Flat Package |
---
### 2. Pin Configuration (UFDFPN8)
The device typically follows a standard 8-pin layout for MICROWIRE devices:
1. **S (Chip Select):** Enables the chip when high.
2. **C (Serial Clock):** Synchronizes data transfer.
3. **D (Serial Data Input):** Receives instructions and data.
4. **Q (Serial Data Output):** Outputs data during read operations.
5. **Vss:** Ground.
6. **ORG (Organization):** Hardware pin to select 8-bit or 16-bit mode.
7. **DU (Don't Use):** Must be left floating or grounded.
8. **Vcc:** Supply voltage.
---
### 3. Understanding the Part Number Code
The nomenclature provides specific details about the chip's environment and physical properties:
| Code | Meaning |
| :--- | :--- |
| **M93C46** | Base Part Number (1 Kbit Microwire EEPROM) |
| **-R** | Operating Voltage: 1.8V to 5.5V |
| **MB** | Package: UFDFPN8 (2 x 3 mm) |
| **6** | Temperature Range: -40 to +85 °C (Industrial) |
---
### 4. Operational Features
* **Sequential Read:** Allows reading the entire memory contents continuously by holding the Chip Select high and clocking the device.
* **Write Protection:** Includes a "Write Disable" instruction to prevent accidental data corruption during power-up or power-down.
* **Ready/Busy Signal:** During a write cycle, the Data Output (Q) pin can be polled to check if the internal write operation is complete.
* **Self-Timed Write Cycle:** The chip handles the erase-before-write process internally, requiring no external timing components.
---
### 5. Application Use Cases
* **Consumer Electronics:** Storing user preferences in remote controls or smart home devices.
* **Industrial:** Calibration data for sensors and small-scale data logging.
* **Networking:** MAC address storage for network interface cards.
- ⤷
How do you wire the ORG pin for 16-bit organization versus 8-bit?
- ⤷ What are the main differences between the MICROWIRE and I2C protocols for EEPROMs?
- ⤷ Can you provide a code example for reading data from an M93C46 using an Arduino?