M93C46-RMB6TG
AI

## Technical Overview: M93C46-RMB6TG
The **M93C46-RMB6TG** is a 1-Kbit low-voltage Serial Microwire EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is widely used for storing configuration data, user preferences, and small lookup tables in embedded systems.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (1,024 bits) |
| **Organization** | User-selectable: 64 x 16-bit or 128 x 8-bit |
| **Interface** | Microwire (3-wire serial interface) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V); 1 MHz (at 1.8V) |
| **Package** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
| **Write Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
---
### 2. Pin Configuration and Functions
The M93C46 typically uses the following pins for communication and power:
| Pin Name | Description | Function |
| :--- | :--- | :--- |
| **S (Chip Select)** | Input | Activates the device when high. |
| **D (Data Input)** | Input | Receives instructions and data serially. |
| **Q (Data Output)** | Output | Transmits data serially; high impedance when not selected. |
| **C (Serial Clock)** | Input | Synchronizes data transfer. |
| **ORG (Organization)** | Input | High = x16 organization; Low/GND = x8 organization. |
| **Vcc / Vss** | Power | Supply voltage and ground. |
---
### 3. Core Features & Capabilities
* **Sequential Read:** Allows the system to read the entire memory contents in a single stream by keeping the Chip Select (S) high and continuing the clock.
* **Write Protection:** Includes a "Write Enable" instruction to prevent accidental data loss. No write operations can occur unless the Write Enable (WEN) instruction has been executed.
* **Self-Timed Programming:** Once a write command is sent, the internal erase/write cycle is managed by the chip itself, freeing up the host microcontroller.
* **Ready/Busy Status:** During a write cycle, the Data Output (Q) pin can be polled to check if the device is busy or ready for the next instruction.
---
### 4. Implementation Example (Basic Logic)
To read from the memory, the microcontroller must send a specific bit sequence over the Microwire interface.
```c
// Pseudo-code for Read Command (x16 mode)
// Command structure: Start Bit (1) + Opcode (10) + Address (6 bits)
void read_eeprom(uint8_t address) {
select_chip(); // Set CS High
send_bits(0b1, 1); // Start Bit
send_bits(0b10, 2); // Read Opcode
send_bits(address, 6); // Target Address
uint16_t data = read_bits(16); // Receive 16 bits of data
deselect_chip(); // Set CS Low
}
```
---
### 5. Common Applications
* **Consumer Electronics:** Storing TV channel settings or volume levels.
* **Industrial:** Calibration constants for sensors and actuators.
* **Networking:** MAC address storage and hardware configuration.
* **Automotive:** Odometer data and fault code logging in legacy systems.
- ⤷What are the main differences between Microwire and I2C EEPROMs?
- ⤷ How does the 'ORG' pin affect the memory layout in practical circuits?
- ⤷ Can this EEPROM be used in 3.3V and 5V systems simultaneously?