AI

## Technical Overview of M93C56-RBN6TP
The **M93C56-RBN6TP** is a 2-Kbit serial EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is widely used for non-volatile data storage in consumer electronics, automotive, and industrial applications.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbits (2048 bits) |
| **Memory Organization** | 128 x 16 bits or 256 x 8 bits (selectable via ORG pin) |
| **Interface** | MICROWIRE (Serial Peripheral Interface - SPI like) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz |
| **Package Type** | PDIP8 (Plastic Dual In-line Package, 8 pins) |
| **Operating Temperature** | -40°C to +85°C |
| **Data Retention** | 40 Years |
| **Endurance** | 1,000,000 Write Cycles |
---
### Pin Configuration and Functions
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select (Activate/Deactivate the device) |
| 2 | **C** | Serial Clock (Synchronizes data transfer) |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground (0V) |
| 6 | **ORG** | Organization Select (High = x16, Low or Open = x8) |
| 7 | **DU** | Don't Use (Must be left floating or connected to Vss) |
| 8 | **Vcc** | Supply Voltage |
---
### Core Functionality
1. **Memory Organization (ORG Pin):**
The device offers flexibility in how data is structured. If the `ORG` pin is connected to `Vcc`, the memory is arranged as **128 words of 16 bits**. If connected to `Vss`, it is arranged as **256 bytes of 8 bits**.
2. **The MICROWIRE Protocol:**
It communicates using a synchronous serial protocol. All instructions, addresses, and data are clocked in on the `D` pin on the rising edge of the clock (`C`).
3. **Write Protection:**
The device includes a **Write Enable (WEN)** and **Write Disable (WDS)** instruction set. To prevent accidental data corruption, the chip powers up in a "Write Disabled" state. A specific command must be sent before any data can be written or erased.
4. **Sequential Read:**
While a standard read retrieves one word/byte, the M93C56 supports sequential reading, allowing the master to read the entire memory contents in a single continuous stream.
---
### Application Usage
* **Parameter Storage:** Storing calibration data, device IDs, or user settings.
* **Automotive:** Odometer data or radio presets (often found in older modules).
* **Industrial:** Configuration logging for sensors or actuators.
- ⤷
What is the difference between the MICROWIRE and SPI protocols used in EEPROMs?
- ⤷ How does the 'Sequential Read' feature improve data retrieval efficiency?
- ⤷ What are the advantages of the PDIP8 package compared to the SO8 package for this chip?