M93C56-RMB3G
AI

The **M93C56-RMB3G** is a specific variant of a serial Microwire EEPROM (Electrically Erasable Programmable Read-Only Memory). It is commonly used for non-volatile data storage in consumer electronics, automotive systems, and industrial controllers.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (2048 bits) |
| **Organization** | Configurable: 256 x 8 bits or 128 x 16 bits |
| **Interface** | Microwire (3-wire serial) |
| **Supply Voltage ($V_{CC}$)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (@ 5V), 1 MHz (@ 1.8V) |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade 3) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
---
## 2. Pin Configuration (UFDFPN8)
The device typically uses an 8-pin layout. The "ORG" pin is critical as it defines how the memory is addressed.
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **S** | Chip Select | Activates the device when HIGH. |
| **D** | Serial Data Input | Receives instructions and data. |
| **Q** | Serial Data Output | Outputs data during read cycles. |
| **C** | Serial Clock | Synchronizes data transfer. |
| **ORG** | Organization | High = x16 mode; Low/GND = x8 mode. |
| **W** | Write Control | Hardware protection against write instructions. |
| **$V_{CC}$ / $V_{SS}$** | Power / Ground | Supply voltage and reference ground. |
---
## 3. Key Electronic Features
### A. Low Voltage Operation
The **-R** suffix in the part number indicates a low-voltage range (1.8V to 5.5V). This makes it ideal for battery-powered devices where power efficiency is critical.
### B. Sequential Read
While the device is addressed randomly, it supports sequential reading. Once a read command is initiated, the device will continue to output data from subsequent addresses as long as the clock continues, without needing new instructions.
### C. Self-Timed Write Cycle
The chip includes an internal timer. Once a write command is received, the device handles the erasure and programming internally (typically taking 5ms), freeing the host microcontroller for other tasks.
### D. Hardware & Software Protection
* **Status Register:** Includes a Ready/Busy bit to check if a write is in progress.
* **Write Enable/Disable:** Instructions must be sent to "unlock" the memory before any write operation can occur.
---
## 4. Decoding the Part Number: M93C56-RMB3G
| Segment | Meaning |
| :--- | :--- |
| **M93** | Microwire family EEPROM |
| **C56** | 2 Kbit density |
| **-R** | Voltage range: 1.8V to 5.5V |
| **MB** | Package: UFDFPN8 (2x3 mm) |
| **3** | Temperature range: -40 to +125 °C |
| **G** | ECOPACK2 (RoHS compliant, Halogen-free) |
---
- ⤷
What is the difference between Microwire and SPI interfaces for EEPROMs?
- ⤷ How do I wire the ORG pin for a 16-bit data width?
- ⤷ Can this EEPROM be used in automotive applications?