M93C56-RMB6GSLASHW
AI

The part number **M93C56-RMB6TG** (often referred to with the suffix /W) belongs to a family of Serial EEPROM (Electrically Erasable Programmable Read-Only Memory) devices manufactured by **STMicroelectronics**.
Below is a detailed breakdown of the electronic specifications and features for this component.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (2048 bits) |
| **Organization** | Configurable: 256 x 8 bits OR 128 x 16 bits |
| **Interface** | MICROWIRE (Serial 3-Wire) |
| **Clock Frequency** | 2 MHz (at 5V) / 1 MHz (at 1.8V) |
| **Supply Voltage** | 1.8V to 5.5V |
| **Package Type** | UFDFPN8 (MLP8) - 2x3 mm |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Detailed Part Number Breakdown
The suffix **M93C56-RMB6TG** can be decoded as follows:
* **M93**: MICROWIRE serial access EEPROM.
* **C56**: 2 Kbit density.
* **R**: Operating voltage range of 1.8V to 5.5V.
* **MB**: UFDFPN8 (Ultra Thin Fine Pitch Dual Flat No-lead) package.
* **6**: Industrial temperature range (-40 to 85°C).
* **T**: Tape and Reel packaging.
* **G**: ECOPACK2 (RoHS compliant/Halogen-free).
* **"W" (Process Suffix)**: Usually denotes a specific wafer process or a high-reliability version often used in automotive or specialized industrial lines.
---
### 3. Functional Features
* **Read/Write Cycles**: High endurance with up to 1 million write cycles.
* **Data Retention**: Rated for more than 40 years.
* **Sequential Read**: Allows the user to read the entire memory contents with a single address command.
* **Ready/Busy Status**: Provides a hardware signal (on the DO pin) to indicate when a write cycle is complete.
* **Software Write Protection**: Includes instructions to enable or disable the write circuitry to prevent accidental data loss.
---
### 4. Pin Configuration (Typical UFDFPN8)
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Organization Select (High for x16, Low for x8) |
| 7 | **DU** | Don't Use (Internal connection) |
| 8 | **Vcc** | Supply Voltage |
---
### 5. Application Usage
This part is commonly used for storing configuration data, look-up tables, or calibration parameters in:
* Consumer electronics (TVs, appliances).
* Industrial controllers.
* Medical devices (due to high data retention).
* PC peripherals.
---
- ⤷What is the difference between MICROWIRE and SPI interfaces?
- ⤷ How does the ORG pin affect the memory addressing?
- ⤷ Can this chip be used in 3.3V systems without level shifters?