M93C56-RMB6P
AI

The **M93C56-RMB6P** is a specific variant of the 2-Kbit serial MICROWIRE EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics.
---
### 1. Key Technical Specifications
The part number provides specific details about its architecture and operating conditions:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (2048 bits) |
| **Organization** | 128 x 16 bit or 256 x 8 bit (User selectable) |
| **Interface** | MICROWIRE (3-wire serial interface) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 5V) |
| **Package** | MSOP8 (also known as TSSOP8) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
---
### 2. Functional Description
This device is non-volatile memory, meaning it retains stored data even when the power is turned off. It is primarily used for storing configuration data or small amounts of user information.
#### Pin Configuration (MSOP8)
1. **S (Chip Select):** Activates the device for communication.
2. **C (Serial Clock):** Synchronizes data transfer.
3. **D (Serial Data Input):** Receives instructions and data.
4. **Q (Serial Data Output):** Sends data out to the microcontroller.
5. **VSS:** Ground.
6. **ORG (Organization):** Sets the memory width (High for x16, Low/Floating for x8).
7. **DU (Don't Use):** Usually left unconnected.
8. **VCC:** Supply Voltage.
---
### 3. Part Number Breakdown
The suffix **RMB6P** provides specific manufacturing information:
* **R:** Operating Voltage (1.8V to 5.5V).
* **M:** Package type (MSOP8/TSSOP8 3x3mm).
* **B:** Standard reliability / Green package.
* **6:** Industrial temperature range (-40 to 85°C).
* **P:** RoHS compliant and Antimony-free.
---
### 4. Features & Reliability
* **Write Cycles:** Supports more than 1 million write cycles.
* **Data Retention:** Greater than 40 years.
* **Ready/Busy Signal:** The `Q` pin can signal the end of an internal write cycle, allowing the system to optimize timing.
* **Self-Timed Programming:** The device manages the internal erase/write timing automatically.
---
- ⤷
How does the ORG pin change the memory structure in this EEPROM?
- ⤷ What are the main differences between MICROWIRE and I2C protocols?
- ⤷ Can this chip be used in automotive applications requiring higher temperatures?