Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M93C66-RDS3G/S

  • AI
    The **M93C66-RDS3G/S** is a specific variant of the 4-Kbit serial Microwire EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. Below is a detailed breakdown of its electronic specifications and characteristics. --- ## 1. General Specifications This device is designed for non-volatile data storage, meaning it retains information even when power is removed. It is commonly used in automotive and industrial applications. | Feature | Specification | | :--- | :--- | | **Memory Size** | 4 Kbit (4096 bits) | | **Organization** | Configurable: 256 x 16-bit or 512 x 8-bit | | **Interface** | Microwire (Serial 3-Wire) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | Up to 2 MHz | | **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) | --- ## 2. Part Number Breakdown (Decoding) The suffix **RDS3G/S** provides specific information about the hardware revision and environmental standards: * **M93C66**: Base part number (4-Kbit Microwire EEPROM). * **-R**: Operating voltage range (1.8V to 5.5V). * **D**: Device revision (Process technology identifier). * **S**: Package type (TSSOP8, 169 mil width). * **3**: Temperature range (-40°C to +125°C - Automotive Grade). * **G**: ECOPACK2 (RoHS compliant, Halogen-free). * **S**: Specific manufacturing flow or internal tracking code. --- ## 3. Pin Configuration (TSSOP8) The device uses a standard 8-pin layout. | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **S** | Chip Select (Active High) | | 2 | **C** | Serial Clock | | 3 | **D** | Serial Data Input | | 4 | **Q** | Serial Data Output | | 5 | **Vss** | Ground | | 6 | **ORG** | Organization Select (High = x16, Low = x8) | | 7 | **DU** | Don't Use (Leave floating or connect to Vss) | | 8 | **Vcc** | Supply Voltage | --- ## 4. Key Performance Features * **Write Protection:** Software write protection for the entire memory array. * **Durability:** Supports more than **4 million write cycles**. * **Data Retention:** Guaranteed for more than **200 years**. * **Self-Timed Programming:** The device handles the internal write cycle timing automatically (typically 5ms). * **Sequential Read:** Allows reading the entire memory content in a single continuous stream. --- ## 5. Typical Application Circuit To interface this with a microcontroller (MCU), use the following logic: ```cpp // Example Logic Connection MCU_GPIO_Output -> S (Chip Select) MCU_SPI_SCK -> C (Serial Clock) MCU_SPI_MOSI -> D (Data In) MCU_SPI_MISO <- Q (Data Out) VCC (3.3V/5V) -> Vcc GND -> Vss ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the x8 and x16 organization modes?
    • ⤷ How does the Microwire protocol differ from standard SPI?
    • ⤷ What are the specific automotive standards (like AEC-Q100) this part meets?