M93C66-RDS3TG/S
AI

The **M93C66-RDS3TG/S** is a specific variant of the 4-Kbit serial MICROWIRE EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is widely used in automotive and industrial applications for non-volatile data storage.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 4 Kbit (4096 bits) |
| **Organization** | Configurable: 256 x 16-bit or 512 x 8-bit |
| **Interface** | MICROWIRE (3-wire serial interface) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V) |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade 1) |
| **Write Cycles** | 4 million cycles (at 25°C) |
| **Data Retention** | 200 Years |
---
### 2. Breakdown of the Part Number
The suffix codes provide critical information about the physical and electrical characteristics:
* **M93C66**: Base part number for the 4-Kbit MICROWIRE EEPROM.
* **-R**: Indicates a low-voltage range (1.8V to 5.5V).
* **DS**: Refers to the **TSSOP8** package (3mm width) and identifies it as an **Automotive Grade** part.
* **3**: Indicates the device is certified for **Grade 3** or **Grade 1** temperature ranges (-40°C to +125°C).
* **TG**: Indicates Tape & Reel packing and "Green" (Halogen-free/RoHS compliant) materials.
* **S**: Specific process technology or manufacturing flow identifier.
---
### 3. Pin Configuration (TSSOP8)
| Pin | Symbol | Description |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select (Active High) |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Internal Organization (High=x16, Low=x8) |
| 7 | **DU** | Don't Use (Internal connection) |
| 8 | **Vcc** | Supply Voltage |
---
### 4. Functional Features
* **Self-Timed Write Cycle:** The device includes an internal timer that manages the write operation, so the host controller does not need to manage the timing.
* **READY/BUSY Status:** During a write cycle, the Data Output (Q) pin can be used to poll the status of the operation.
* **Sequential Read:** It supports reading the entire memory array sequentially through a single command.
* **Robustness:** Designed specifically for high-reliability environments, such as automotive engine control units (ECUs) or airbag modules.
---
- ⤷
What is the difference between MICROWIRE and SPI interfaces?
- ⤷ How does the ORG pin change the memory architecture?
- ⤷ What are the common use cases for 4-Kbit EEPROMs in automotive design?