Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M93C66-RDS3TP/S

  • AI
    The **M93C66-RDS3TP/S** is a specific variant of a serial EEPROM (Electrically Erasable Programmable Read-Only Memory) chip manufactured by STMicroelectronics. It is widely used for non-volatile data storage in consumer electronics and industrial applications. --- ## 1. Technical Specifications The part number encodes specific characteristics of the device. Below is a breakdown of its core technical parameters: | Parameter | Value / Description | | :--- | :--- | | **Memory Size** | 4 Kbit (organized as 512 x 8 bits or 256 x 16 bits) | | **Interface** | MICROWIRE (Serial 3-Wire Interface) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz | | **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) | | **Operating Temp** | -40°C to +125°C (Automotive Grade 3) | | **Write Cycles** | 4 million write cycles | | **Data Retention** | 200 Years | --- ## 2. Pin Configuration (TSSOP8) The device typically follows a standard 8-pin layout for the MICROWIRE protocol: 1. **S (Chip Select):** Activates the device for communication. 2. **C (Serial Clock):** Synchronizes data movement. 3. **D (Serial Data Input):** Receives opcodes, addresses, and data. 4. **Q (Serial Data Output):** Outputs data during read operations. 5. **Vss:** Ground. 6. **ORG (Organization):** Sets the memory structure (x8 or x16). 7. **DU (Don't Use):** Usually left unconnected or tied to ground. 8. **Vcc:** Power Supply. --- ## 3. Key Features * **Sequential Read:** Allows the user to read the entire memory contents with a single command. * **Write Protection:** The device includes software write-protection features to prevent accidental data corruption. * **Ready/Busy Status:** A specific signal can be polled to check if the internal write cycle is complete. * **Self-Timed Programming:** The chip manages its own internal erase/write timing, simplifying the firmware logic for the host microcontroller. --- ## 4. Part Number Breakdown The suffix `RDS3TP/S` provides specific logistical and manufacturing details: * **RDS:** Refers to the TSSOP8 package and the 1.8V to 5.5V voltage range. * **3:** Indicates the temperature range (-40°C to +125°C). * **TP:** Indicates "Tape and Reel" packaging for automated SMT assembly. * **/S:** Usually signifies a "Special" or "Specific" process version, often related to high-reliability or automotive-grade testing standards. ---
    ✨ Follow-up Questions
    • ⤷ How does the ORG pin change the memory addressing between 8-bit and 16-bit modes?
    • ⤷ What are the main differences between the MICROWIRE interface and the I2C protocol used in other EEPROMs?
    • ⤷ What is the typical power consumption of this chip during a write cycle?