Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M93C66-RDS6

  • AI
    The **M93C66-RDS6** is a specific variant of the 4-Kbit serial MICROWIRE EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is commonly used for parameter storage in automotive and industrial applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 4 Kbit (4096 bits) | | **Organization** | Configurable: 256 x 16-bit or 512 x 8-bit | | **Interface** | MICROWIRE (3-wire serial interface) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | Up to 2 MHz | | **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | --- ### 2. Part Number Breakdown: M93C66-RDS6 Understanding the nomenclature helps identify the exact physical and electrical characteristics: * **M93C66**: The base device family (4-Kbit MICROWIRE EEPROM). * **R**: Indicates the operating voltage range (1.8V to 5.5V). * **D**: Refers to the "Process" or "Device Revision" (ST's internal manufacturing code). * **S**: Indicates the package type (**TSSOP8**, 169 mil width). * **6**: Temperature range (Industrial: **-40°C to 85°C**). --- ### 3. Pin Configuration (TSSOP8) The device typically follows this standard pinout for the MICROWIRE protocol: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **S** | Chip Select | | 2 | **C** | Serial Clock | | 3 | **D** | Serial Data Input | | 4 | **Q** | Serial Data Output | | 5 | **Vss** | Ground | | 6 | **ORG** | Internal Organization (x8 or x16) | | 7 | **DU/NC** | Don't Use or No Connection | | 8 | **Vcc** | Supply Voltage | --- ### 4. Critical Features * **Write Protection**: Includes a write-disable mode to prevent accidental data corruption during power-up or power-down. * **Sequential Read**: Allows the user to read the entire memory contents with a single command. * **Self-Timed Write Cycle**: The chip manages the internal timing for erasing and writing data (typically 5ms). * **High Endurance**: Rated for 1 million write cycles and 40 years of data retention. --- ### 5. Application Circuit Example To interface this with a microcontroller, use the following logic: ```cpp // Typical Interface Logic (Pseudo-code) 1. Set 'S' (Chip Select) HIGH. 2. Send 'Start Bit' (1) via 'D' pin. 3. Send 'Op-Code' (Read/Write command). 4. Send 'Address' (Specific memory location). 5. Toggle 'C' (Clock) to shift data in/out. 6. Set 'S' LOW to terminate the operation. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the x8 and x16 organization modes controlled by the ORG pin?
    • ⤷ How does the MICROWIRE protocol differ from standard SPI?
    • ⤷ What are the common causes of data corruption in this specific EEPROM?