AI

The **M93C66-RDS6TG/S** is a specific variant of the 4-Kbit serial MICROWIRE EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is widely used for parameter storage in automotive and industrial applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 4 Kbits (4096 bits) |
| **Organization** | 256 x 16 bits or 512 x 8 bits (User selectable) |
| **Interface** | MICROWIRE (3-wire serial interface) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | Up to 2 MHz |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Operating Temp** | -40°C to +85°C |
---
### 2. Part Number Breakdown
The suffixing provides critical information regarding the physical and electrical characteristics:
* **M93C66**: Base device family (4-Kbit Microwire EEPROM).
* **-R**: Indicates the device operates at a low voltage range (1.8V to 5.5V).
* **D**: Process technology/geometry identifier.
* **S**: Indicates the device is **Automotive Grade** (AEC-Q100 compliant).
* **6**: Temperature range (-40°C to +85°C).
* **T**: Tape & Reel packaging.
* **G**: ECOPACK2 (RoHS compliant/Lead-free).
* **/S**: Special identifier often denoting specific assembly plants or testing flows.
---
### 3. Pin Configuration (TSSOP8)
The device typically follows this standard 8-pin layout:
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select (Active High) |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Internal Organization (High=x16, Low/Floating=x8) |
| 7 | **DU** | Don't Use (Must be left floating or connected to Vss) |
| 8 | **Vcc** | Supply Voltage |
---
### 4. Distinctive Features
1. **Sequential Read:** It supports a sequential read feature where data can be clocked out continuously across the entire memory array.
2. **Write Protection:** It includes a software write-protection mechanism (Write Enable/Disable instructions) to prevent accidental data corruption.
3. **High Endurance:** Typically rated for 4 million write cycles and 200-year data retention.
4. **Ready/Busy Signal:** During a write cycle, the Data Output (Q) pin can be used to poll the status of the internal programming cycle.
---
### 5. Implementation Example
To interface with this chip using a microcontroller (pseudo-code logic):
```cpp
// Basic Write Enable Sequence
digitalWrite(CHIP_SELECT, HIGH);
shiftOut(DATA_IN, CLOCK, MSBFIRST, WEN_OPCODE); // Send Write Enable Opcode
digitalWrite(CHIP_SELECT, LOW);
// Basic Write Sequence
digitalWrite(CHIP_SELECT, HIGH);
shiftOut(DATA_IN, CLOCK, MSBFIRST, WRITE_OPCODE | ADDRESS);
shiftOut(DATA_IN, CLOCK, MSBFIRST, DATA_VALUE);
digitalWrite(CHIP_SELECT, LOW);
```
---
- ⤷What is the difference between the M93C66 and the M24C64 series?
- ⤷ How does the 'ORG' pin affect the memory addressing logic?
- ⤷ What are the common failure modes for EEPROMs in automotive environments?