M93C66-RDS6TP/W
AI

The **M93C66-RDS6TP/W** is a specific type of Non-Volatile Memory (NVM) produced by **STMicroelectronics**. It belongs to the Microwire serial bus family.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. General Overview
The M93C66 is a **4-Kbit (4096 bits)** Serial EEPROM (Electrically Erasable Programmable Memory). It is commonly used for storing configuration data, calibration parameters, and device IDs that must be retained even when power is removed.
### 2. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 4 Kbit (4096 bits) |
| **Organization** | Configurable as 256 x 16-bit or 512 x 8-bit |
| **Interface** | Microwire (3-wire or 4-wire serial) |
| **Clock Frequency** | Up to 2 MHz |
| **Operating Voltage** | 1.8V to 5.5V |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Write Cycles** | More than 4 million cycles |
| **Data Retention** | More than 200 years |
---
### 3. Part Number Decoder
Understanding the suffix codes is essential for sourcing the correct component:
* **M93C66**: Base part number (4Kb Microwire EEPROM).
* **-R**: Indicates the device operates at a low voltage range (**1.8V to 5.5V**).
* **DS**: Refers to the **TSSOP8** package (3mm width).
* **6**: Temperature range grade (**-40 to +85 °C**).
* **TP**: Tape & Reel packaging.
* **W**: Indicates the process technology used (typically "High Reliability").
---
### 4. Pin Configuration (TSSOP8)
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select (Active High) |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Organization Select (High: x16, Low/Floating: x8) |
| 7 | **DU** | Don't Use (Internal connection) |
| 8 | **Vcc** | Supply Voltage |
---
### 5. Key Features
* **Self-Timed Programming:** The device handles the internal write cycle timing automatically once the command is sent.
* **ORG Pin:** This is a hardware pin that allows the user to define if the memory is accessed in 8-bit bytes or 16-bit words.
* **Sequential Read:** Allows reading the entire memory contents by continuing to provide clock pulses after the first address is read.
* **Ready/Busy Signal:** During a write cycle, the Data Out (Q) pin can be polled to check if the internal write is complete.
---
- ⤷
What are the main differences between Microwire and I2C EEPROMs?
- ⤷ How does the 'ORG' pin affect the memory addressing logic?
- ⤷ Can you provide a C code example for reading from a M93C66?