M93C76-RBN7
AI

## Technical Overview of the M93C76-RBN7
The **M93C76-RBN7** is a specific variant of a serial Microwire EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is commonly used in automotive and industrial applications for non-volatile data storage.
---
### 1. Key Specifications and Features
The technical parameters of this component are defined by its alphanumeric suffix.
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (organized as 512 x 16-bit or 1024 x 8-bit) |
| **Interface** | Microwire (3-wire Serial) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 5V) |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Temperature Range** | -40°C to +105°C (Grade 7) |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
### 2. Electronic Architecture
The internal circuitry of the M93C76 consists of several functional blocks:
* **Memory Array:** The 8Kb storage cells where data is held.
* **Address Decoder:** Selects the specific register based on the input address.
* **Instruction Register:** Decodes incoming serial commands (READ, WRITE, ERASE, etc.).
* **Output Buffer:** Drives the DO (Data Out) pin during read operations.
* **Charge Pump:** Generates the high voltage required internally to program or erase the EEPROM cells from a low-voltage supply.
---
### 3. Pin Configuration (TSSOP8)
The component typically uses the following pinout:
| Pin | Name | Function |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select (Active High) |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Organization (Selects x8 or x16 mode) |
| 7 | **DU** | Don't Use / No Connect |
| 8 | **Vcc** | Supply Voltage |
---
### 4. Decoding the Part Number (M93C76-RBN7)
To understand the specific electronic properties, we break down the name:
* **M93C76:** The base device family (8 Kbit Microwire EEPROM).
* **R:** Operating voltage range (1.8V to 5.5V).
* **BN:** Package code for TSSOP8 (0.169" width).
* **7:** Device grade / Temperature range (-40 to +105 °C), indicating suitability for harsh environments.
---
### 5. Common Applications
Due to its high endurance and data retention, this part is frequently found in:
* **Automotive Modules:** Storing calibration data or mileage in instrument clusters.
* **Consumer Electronics:** Storing configuration settings in devices with limited space.
* **Industrial Controllers:** Storing parameters that must survive power cycles.
- ⤷
What is the difference between the x8 and x16 organization modes controlled by the ORG pin?
- ⤷ How does the Microwire interface differ from the more common I2C interface?
- ⤷ Can this chip be programmed while soldered on a PCB using an external programmer?