M93C76-RMB3P/S
AI

The **M93C76-RMB3P/S** is a specialized serial EEPROM (Electrically Erasable Programmable Read-Only Memory) chip manufactured by **STMicroelectronics**. It is designed for low-voltage applications and is frequently used for parameter storage in automotive and industrial electronics.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (1024 x 8-bit or 512 x 16-bit) |
| **Interface** | Microwire (3-wire Serial) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temp** | -40°C to +125°C |
| **Data Retention** | > 40 Years |
| **Write Endurance** | 4 Million write cycles |
---
## 2. Key Features
* **User-Selectable Organization:** The memory can be configured as either 8-bit bytes or 16-bit words depending on the logic state of the Organization (ORG) pin.
* **Write Protection:** Includes a software write-protection mechanism to prevent accidental data corruption.
* **Low Power Consumption:** Optimized for battery-operated devices with a very low standby current.
* **Self-Timed Write Cycle:** The chip handles the internal timing of the erasure and writing process, typically completing in 5ms.
* **Sequential Read:** Allows for the continuous reading of the entire memory contents via a single command.
---
## 3. Part Number Breakdown (Nomenclature)
Understanding the suffix codes helps in identifying specific environmental and packaging standards:
| Code | Meaning |
| :--- | :--- |
| **M93C76** | Device Family (8 Kbit Microwire EEPROM) |
| **-R** | Voltage Range: 1.8V to 5.5V |
| **MB** | Package: UFDFPN8 (2x3 mm) |
| **3** | Temperature Range: -40 to +125 °C (Automotive Grade) |
| **P/S** | Packing/Process: Likely indicates RoHS compliance and Tape & Reel packaging |
---
## 4. Pin Configuration (UFDFPN8)
The device typically follows this pinout structure:
```text
1. S (Chip Select)
2. C (Serial Clock)
3. D (Serial Data Input)
4. Q (Serial Data Output)
5. Vss (Ground)
6. ORG (Organization Select)
7. DU (Don't Use / No Connect)
8. Vcc (Supply Voltage)
```
---
- ⤷
What is the difference between Microwire and I2C interfaces for EEPROMs?
- ⤷ In what scenarios would you choose the 16-bit organization over the 8-bit?
- ⤷ How does the 'Automotive Grade' rating affect the component's testing standards?