AI

The **M93C76-RMB3TP** is a specific variant of the 8-Kbit serial MICROWIRE EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is widely used in automotive and industrial applications for non-volatile data storage.
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (8192 bits) |
| **Organization** | Configurable: 1024 x 8 bits OR 512 x 16 bits |
| **Interface** | MICROWIRE (3-wire serial interface) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Temperature Range** | -40°C to +125°C (Grade 3) |
| **Endurance** | 4 Million write cycles |
| **Data Retention** | 200 Years |
---
### ## Core Electronic Characteristics
### 1. The MICROWIRE Interface
Unlike I2C or SPI, the MICROWIRE protocol used here is a subset of SPI. It utilizes four signals:
* **S (Chip Select):** Activates the device.
* **D (Serial Data Input):** For opcodes, addresses, and data.
* **Q (Serial Data Output):** For reading data.
* **C (Serial Clock):** Synchronizes data transfer.
### 2. Flexible Organization (ORG Pin)
One of the key electronic features of the M93C76 is the **ORG (Organization)** pin.
* If the ORG pin is connected to **VCC**, the memory is organized as **512 x 16 bits**.
* If the ORG pin is connected to **GND**, the memory is organized as **1024 x 8 bits**.
* If left floating, it defaults to the x16 configuration in most implementations.
### 3. Write Protection
The device includes a **Write Enable (WEN)** and **Write Disable (WDS)** instruction set. This provides a software-level lock to prevent accidental data corruption during power-up or power-down sequences.
### 4. Sequential Read
While it is an 8-Kbit chip, it supports sequential reading. After a read instruction is issued, the internal address pointer automatically increments, allowing the entire memory contents to be read in a single continuous stream.
---
### ## Decoding the Part Number: M93C76-RMB3TP
To understand the specific hardware attributes, we break down the suffix:
* **M93C76:** Base part number (8-Kbit Microwire EEPROM).
* **-R:** Operating Voltage range of 1.8V to 5.5V.
* **MB:** Package code for UFDFPN8 (2x3 mm).
* **3:** Device tested with High Reliability Certified flow (Automotive Grade, -40 to 125°C).
* **T:** Tape and Reel packing.
* **P:** ECOPACK2 (RoHS compliant/Lead-free).
- ⤷
What are the main differences between MICROWIRE and standard SPI interfaces?
- ⤷ How do I wire the ORG pin for a 16-bit data architecture?
- ⤷ What are the common use cases for this EEPROM in automotive electronics?