M93C76-RMB6TP
AI

The **M93C76-RMB6TP** is a specific variant of the 8-Kbit serial MICROWIRE EEPROM manufactured by STMicroelectronics. It is commonly used in automotive and industrial applications for non-volatile data storage.
---
## 1. Technical Specifications
Below are the primary electronic characteristics of the M93C76-RMB6TP:
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (8192 bits) |
| **Memory Organization** | User-selectable: 1024 x 8 bits OR 512 x 16 bits |
| **Interface** | MICROWIRE (3-wire serial) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) |
| **Write Cycle Time** | 5 ms (Maximum) |
| **Package** | SO8N (narrow body) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
---
## 2. Key Electronic Features
* **Organization Select (ORG):** A dedicated pin allows the user to choose between 8-bit or 16-bit data architecture.
* **Sequential Read:** It supports reading the entire memory array sequentially without re-sending addresses.
* **Ready/Busy Status:** During a write cycle, the data output (DO) pin can be polled to signal when the internal programming is complete.
* **High Endurance:** It is rated for **4 million write cycles** and **200 years of data retention**, making it highly reliable for long-term storage.
* **Write Protection:** Includes software-executable instructions (`WEN` and `WDS`) to prevent accidental data erasure.
---
## 3. Pinout Configuration (SO8)
The device typically follows the standard MICROWIRE 8-pin layout:
| Pin Number | Symbol | Description |
| :--- | :--- | :--- |
| 1 | S (CS) | Chip Select |
| 2 | C (SK) | Serial Clock |
| 3 | D (DI) | Serial Data Input |
| 4 | Q (DO) | Serial Data Output |
| 5 | Vss | Ground |
| 6 | ORG | Organization Select (High = x16, Low/NC = x8) |
| 7 | DU/NC | Don't Use / No Connect |
| 8 | Vcc | Supply Voltage |
---
## 4. Part Number Breakdown (M93C76-RMB6TP)
* **M93C76:** Device Family (8-Kbit MICROWIRE EEPROM).
* **-R:** Operating Voltage (1.8V to 5.5V).
* **MB:** Package (SO8N, 150 mil width).
* **6:** Temperature Grade (-40 to +85 °C).
* **TP:** Packing (Tape & Reel).
- ⤷
What is the difference between MICROWIRE and SPI interfaces for EEPROMs?
- ⤷ How do I configure the ORG pin for 16-bit data organization?
- ⤷ What are the common failure modes for this specific EEPROM in industrial environments?