M93C76-RMB6TP/S
AI

The **M93C76-RMB6TP/S** is a specific variant of the M93C76 series manufactured by **STMicroelectronics**. It is a serial Microwire EEPROM (Electrically Erasable Programmable Memory) commonly used for non-volatile data storage in industrial and automotive applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (8,192 bits) |
| **Organization** | Configurable: 512 x 16-bit or 1024 x 8-bit |
| **Interface** | Microwire (3-Wire Serial) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 5V) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
---
### 2. Functional Features
* **Sequential Read:** Allows for continuous data streaming from the memory without re-sending addresses.
* **Write Protection:** Includes a write disable mode to prevent accidental data corruption during power-up or noise interference.
* **High Endurance:** Supports up to 4 million write cycles per byte.
* **Data Retention:** Guaranteed for more than 200 years at room temperature.
* **Self-Timed Programming:** The device manages its own internal write cycle (typically 5ms).
---
### 3. Pinout Configuration (UFDFPN8)
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **S** | Chip Select | Activates the device when High. |
| **D** | Serial Data Input | Receives instructions and data. |
| **Q** | Serial Data Output | Transfers data out to the MCU. |
| **C** | Serial Clock | Synchronizes data transfer. |
| **ORG** | Organization | Selects x8 or x16 memory architecture. |
| **Vcc / Vss** | Power / Ground | Supply voltage and reference ground. |
---
### 4. Part Number Decoding (M93C76-RMB6TP/S)
* **M93C76:** 8 Kbit Microwire EEPROM.
* **-R:** Low Voltage range (1.8V to 5.5V).
* **MB:** UFDFPN8 (2x3mm package).
* **6:** Industrial temperature range (-40 to 85°C).
* **TP:** Tape and Reel packaging.
* **/S:** Specific internal revision or process technology code.
---
- ⤷What is the difference between the x8 and x16 organization modes?
- ⤷ How does the Microwire interface differ from standard SPI?
- ⤷ In what scenarios is the UFDFPN8 package preferred over SO8?