M93C76-RMB7TG
AI

## Technical Overview of M93C76-RMB7TG
The **M93C76-RMB7TG** is a low-voltage, high-reliability serial Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by **STMicroelectronics**. It is widely used for non-volatile data storage in consumer, industrial, and automotive applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (organized as 1024 x 8-bit or 512 x 16-bit) |
| **Interface** | MICROWIRE (3-Wire Serial) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temperature** | -40°C to +85°C |
| **Write Cycles** | More than 4 million cycles |
| **Data Retention** | More than 200 years |
---
### 2. Pin Configuration and Functions
The device typically comes in an 8-pin package. Below are the primary pin functions:
1. **S (Chip Select):** Activates the device when pulled High.
2. **D (Serial Data Input):** Used to transfer opcodes, addresses, and data into the device.
3. **Q (Serial Data Output):** Used to read data out of the device.
4. **C (Serial Clock):** Synchronizes the communication between the host and the memory.
5. **ORG (Organization Select):** Sets the memory architecture (x8 or x16 bits).
6. **Vcc/Vss:** Power supply and Ground.
---
### 3. Core Features
* **User-Configurable Organization:** The `ORG` pin allows the user to choose between an 8-bit or 16-bit data bus width, providing flexibility for different microcontroller architectures.
* **Write Protection:** Includes a "Write Enable" instruction that must be sent before any data can be modified, preventing accidental data corruption.
* **Low Power Consumption:** Optimized for battery-powered devices with low active and standby currents.
* **Self-Timed Write Cycle:** The chip handles the internal timing for erasing and writing data, freeing up the host processor.
---
### 4. Part Number Breakdown
The suffix **RMB7TG** provides specific manufacturing details:
* **R:** Supply voltage range (1.8V to 5.5V).
* **MB:** Package code for UFDFPN8 (2x3 mm).
* **7:** Device grade (Industrial temperature range -40 to +85°C).
* **TG:** Tape and Reel packing with "Green" (RoHS compliant) materials.
---
- ⤷
How does the ORG pin change the memory structure in this EEPROM?
- ⤷ What is the difference between MICROWIRE and SPI interfaces in EEPROMs?
- ⤷ Can this specific part be used in automotive safety-critical systems?