AI

The **M93C76-RMB7TP** is an 8-Kbit serial Microwire EEPROM (Electrically Erasable Programmable Read-Only Memory) developed by STMicroelectronics. It is designed for low-voltage applications and organized in a flexible user-configurable memory structure.
---
## 1. Key Specifications
The following table summarizes the primary electrical and operational characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (8,192 bits) |
| **Memory Organization** | 1024 x 8-bit OR 512 x 16-bit (User Selectable) |
| **Interface Protocol** | Microwire (3-Wire Serial) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) |
| **Operating Temperature** | -40°C to +125°C (Automotive Grade 3) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Write Cycles** | 4 Million cycles |
| **Data Retention** | 200 Years |
---
## 2. Pin Configuration (UFDFPN8)
The device uses a compact 8-pin layout. Understanding the pinout is critical for PCB integration:
| Pin | Designation | Description |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select (Active High) |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Organization Select (High = x16, Low/Float = x8) |
| 7 | **DU** | Don't Use (Must be connected to Vss or left floating) |
| 8 | **Vcc** | Supply Voltage |
---
## 3. Core Functional Features
### A. Organization Select (ORG)
The M93C76 is unique because the user can choose the data bus width via the **ORG** pin.
* If ORG is tied to **Vcc**, the device operates as **512 x 16-bit**.
* If ORG is tied to **Vss**, the device operates as **1024 x 8-bit**.
### B. Microwire Interface
This is a synchronous serial communication protocol. It requires four signals: Chip Select (S), Serial Clock (C), Data Input (D), and Data Output (Q). It is widely used in legacy automotive and industrial systems for its simplicity.
### C. Self-Timed Programming
The device features an internal write cycle. Once a write command is sent, the chip manages the erasing and writing of the cell internally, freeing up the host microcontroller to perform other tasks.
### D. Data Protection
To prevent accidental data corruption, the M93C76 includes:
* **Write Enable/Disable (WEN/WDS):** Software commands that lock the memory against write instructions.
* **Power-on Reset:** Protects data during power transitions.
---
## 4. Typical Applications
* **Automotive:** Storing calibration data, odometer readings, and VIN information.
* **Industrial:** Configuration settings for sensors and actuators.
* **Consumer Electronics:** Storing user preferences in battery-powered devices.
- ⤷
What are the main differences between Microwire and SPI protocols in EEPROMs?
- ⤷ How does the 'ORG' pin affect the addressing range of the M93C76?
- ⤷ What is the specific meaning of the 'RMB7TP' suffix in the part number?