M93C86-RDS3G/S
AI

The **M93C86-RDS3G/S** is a specific variant of the 16-Kbit serial Microwire EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is widely used in automotive and industrial applications for non-volatile data storage.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2048 x 8 bits or 1024 x 16 bits) |
| **Interface** | Microwire (3-wire serial interface) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | Up to 2 MHz |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Temperature Range** | -40°C to +125°C (Automotive Grade 1) |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
---
### 2. Pin Configuration (TSSOP8)
The device typically uses an 8-pin layout. Below are the functional descriptions of the pins:
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **S** | Chip Select | Activates the device when High. |
| **D** | Serial Data Input | Used to transfer addresses and data into the device. |
| **Q** | Serial Data Output | Used to read data out of the device. |
| **C** | Serial Clock | Synchronizes the data transfer. |
| **ORG** | Organization | Selects internal organization (x8 or x16). |
| **VCC/VSS** | Power Supply | Voltage supply and Ground. |
---
### 3. Part Number Breakdown: `M93C86-RDS3G/S`
To understand the specific features of this component, we decode the suffix:
* **M93C86**: Base part number for the 16-Kbit Microwire EEPROM.
* **-R**: Indicates the device operates at a low voltage range (**1.8V to 5.5V**).
* **DS**: Refers to the **TSSOP8** package (8-pin, 3x4.4mm).
* **3**: Indicates the temperature range is **Grade 3** (-40 to +125°C).
* **G**: Denotes **ECOPACK2** (RoHS compliant, Halogen-free).
* **S**: Often refers to specialized sorting or **Automotive Grade** qualification (AEC-Q100 compliance).
---
### 4. Core Features & Use Cases
* **Self-Timed Programming:** The device handles the internal write cycle automatically, so the MCU doesn't need to manage the timing.
* **User-Definable Organization:** By setting the **ORG** pin, the memory can be accessed as either 8-bit bytes or 16-bit words.
* **Sequential Read:** Allows for reading the entire memory contents in a single continuous stream.
* **Common Applications:**
* Storing calibration data in automotive ECUs.
* Storing odometer readings or VIN information.
* Parameter storage in industrial sensors.
---
- ⤷
What is the difference between the x8 and x16 organization modes for this chip?
- ⤷ How does the Microwire interface differ from standard SPI?
- ⤷ What are the specific requirements for the 'S' suffix in automotive applications?