M93C86-RDS3TG/S
AI

The **M93C86-RDS3TG/S** is a specific variant of the 16-Kbit serial Microwire EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**.
---
### 1. Technical Specifications
The table below summarizes the core electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2048 x 8 bits or 1024 x 16 bits) |
| **Interface** | Microwire (Serial 3-Wire) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Temperature Range** | -40°C to +125°C (Automotive Grade 3) |
| **Write Cycles** | 4 Million cycles (typical) |
| **Data Retention** | 200 Years |
---
### 2. Part Number Breakdown
The suffixing in STMicroelectronics part numbers provides critical information regarding the packaging and grade:
* **M93C86**: Device Family (16-Kbit Microwire EEPROM).
* **-R**: Operating Voltage Range (1.8V to 5.5V).
* **DS**: Package (TSSOP8, 169 mil width).
* **3**: Temperature Range (-40 to +125 °C).
* **TG**: Tape & Reel Packing / Green (RoHS compliant).
* **/S**: Special Process / Automotive Grade (often indicates specific screening or assembly line).
---
### 3. Key Functional Features
* **Sequential Read:** Allows reading the entire memory contents with a single command by continuing to provide clock pulses.
* **Organization:** The memory can be configured as 8-bit (byte-wide) or 16-bit (word-wide) depending on the logic level at the "ORG" pin.
* **Write Protection:** Includes a Write Enable (WEN) and Write Disable (WDS) instruction set to prevent accidental data erasure.
* **Self-Timed Programming:** The device handles the internal erase/write timing automatically, freeing up the host microcontroller.
---
### 4. Typical Application Circuit
The chip communicates via four signals: Chip Select (S), Serial Clock (C), Serial Data Input (D), and Serial Data Output (Q).
```cpp
// Schematic Connection Example
// Pin 1: S (Chip Select) -> MCU GPIO
// Pin 2: C (Serial Clock) -> MCU SCK
// Pin 3: D (Data In) -> MCU MOSI
// Pin 4: Q (Data Out) -> MCU MISO
// Pin 5: VSS -> Ground
// Pin 6: ORG -> VCC (for x16) or GND (for x8)
// Pin 7: DU -> Don't Use (Leave Floating)
// Pin 8: VCC -> 1.8V - 5.5V Power
```
---
- ⤷
What is the difference between Microwire and SPI protocols in EEPROMs?
- ⤷ Can I use the M93C86-RDS3TG/S in a standard 5V industrial application?
- ⤷ How does the 'ORG' pin hardware configuration affect the memory addressing?