M93C86-RDS6TP/
AI

The **M93C86-RDS6TP** is a specific variant of a serial Microwire EEPROM (Electrically Erasable Programmable Read-Only Memory). It is widely used for non-volatile data storage in automotive and industrial applications.
---
### 1. Key Technical Specifications
The part number can be broken down to understand its specific electronic characteristics:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2048 x 8 bits or 1024 x 16 bits) |
| **Interface** | Microwire (3-wire or 4-wire serial) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | Up to 2 MHz |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
| **Write Cycles** | 4 million cycles (typical) |
| **Data Retention** | 200 Years |
---
### 2. Pin Configuration (TSSOP8)
The device uses a standard 8-pin layout to manage power and serial communication:
1. **S (Chip Select):** High level enables the device; low level puts it in low-power standby.
2. **C (Serial Clock):** Used to synchronize the communication.
3. **D (Serial Data Input):** Receives instructions and data.
4. **Q (Serial Data Output):** Outputs data to the microcontroller.
5. **VSS:** Ground.
6. **ORG (Organization):** Sets the memory architecture (x8 or x16).
7. **DU (Don't Use):** Usually left floating or connected to VSS.
8. **VCC:** Supply Voltage.
---
### 3. Core Functionality
* **User-Configurable Organization:** By toggling the **ORG** pin, the user can choose whether the 16Kb memory is accessed as 2,048 bytes (8-bit) or 1,024 words (16-bit).
* **Write Protection:** The device includes software write-protection features to prevent accidental data erasure.
* **Sequential Read:** It supports reading the entire memory contents via a single instruction by continuously providing clock pulses.
* **Self-Timed Write Cycle:** Once a write command is received, the chip manages the internal high-voltage timing required to change the memory cells automatically.
---
### 4. Part Number Breakdown
The suffix `RDS6TP` provides specific logistics and packaging info:
* **R:** 1.8V to 5.5V operating range.
* **DS:** TSSOP8 package (3mm width).
* **6:** Industrial temperature range (-40 to +85°C).
* **TP:** Tape & Reel packaging (for automated assembly).
---
- ⤷
What is the difference between Microwire and SPI interfaces?
- ⤷ How do I connect the ORG pin for a 16-bit configuration?
- ⤷ What are common use cases for 16Kbit EEPROMs in automotive electronics?