M93C86-RDS6TP/S
AI

The **M93C86-RDS6TP/S** is a specific variant of the 16-Kbit serial Microwire EEPROM manufactured by **STMicroelectronics**. It is widely used in automotive and industrial applications for non-volatile data storage.
---
## 1. Technical Specifications
The part number encodes specific characteristics regarding its memory capacity, voltage range, and physical packaging.
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2048 x 8 bits or 1024 x 16 bits) |
| **Interface** | Microwire (3-wire serial interface) |
| **Clock Frequency** | 2 MHz |
| **Operating Voltage** | 1.8V to 5.5V |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
| **Write Cycles** | 4 million write cycles |
| **Data Retention** | 200 years |
---
## 2. Pin Configuration (TSSOP8)
The device uses a standard 8-pin layout for communication and power.
| Pin Number | Symbol | Description |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select (Active High) |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Internal Organization (Selects x8 or x16 mode) |
| 7 | **WC** | Write Control (Hardware Write Protection) |
| 8 | **Vcc** | Supply Voltage |
---
## 3. Key Electronic Features
### Organization (ORG Pin)
The memory can be configured in two ways depending on the logic level of the ORG pin:
* **ORG at Vcc:** 1024 words of 16 bits each.
* **ORG at Vss (or floating):** 2048 words of 8 bits each.
### Write Protection (WC Pin)
This pin provides hardware-level security. When the **WC** pin is held high (Vcc), the write operations to the memory array are disabled, preventing accidental data corruption.
### Low Power Consumption
The device is optimized for battery-powered applications, featuring:
* **Active Read Current:** 400 µA (max)
* **Standby Current:** 1 µA (max at 1.8V)
---
## 4. Part Number Breakdown
The suffix **RDS6TP/S** provides information about the manufacturing process and packaging:
* **R:** Operating voltage range (1.8V to 5.5V).
* **DS:** TSSOP8 package (3mm width).
* **6:** Industrial temperature range (-40 to 85°C).
* **TP:** Tape and Reel packaging.
* **S:** Refers to a specific "Standard" or "Shrink" process technology (often indicating halogen-free or ECOPACK2 compliance).
- ⤷
What are the differences between Microwire and SPI interfaces?
- ⤷ How does the ORG pin affect the addressing of the M93C86?
- ⤷ Can this EEPROM be used in 12V automotive systems directly?