M93C86-RMB3
AI

## Technical Overview: M93C86-RMB3
The **M93C86-RMB3** is a 16-Kbit serial EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is designed for low-voltage applications and utilizes a Microwire bus interface.
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Memory Density** | 16 Kbit (2,048 x 8 bits or 1,024 x 16 bits) |
| **Interface** | Microwire (3-wire serial) |
| **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V |
| **Clock Frequency** | Up to 2 MHz (at 4.5V) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temperature** | -40°C to +125°C (Automotive grade 3) |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
---
### 2. Functional Description
The device is organized internally depending on the logic state of the **ORG** (Organization) pin. This flexibility allows it to fit different system architectures:
* **x8 Mode:** The memory is addressed as 2,048 bytes of 8 bits each.
* **x16 Mode:** The memory is addressed as 1,024 words of 16 bits each.
#### Standard Instruction Set:
The M93C86 operates via a set of standard instructions sent through the Serial Input (D) pin:
* **READ:** Read data from memory.
* **WRITE:** Write data to memory.
* **WEN/WDS:** Write Enable / Write Disable (Security latches).
* **ERASE:** Erase a specific address.
---
### 3. Pin Configuration
The **UFDFPN8** package (represented by the "MB" code in the suffix) typically uses the following pinout:
| Pin | Symbol | Function |
| :--- | :--- | :--- |
| 1 | S | Chip Select |
| 2 | C | Serial Clock |
| 3 | D | Serial Data Input |
| 4 | Q | Serial Data Output |
| 5 | $V_{SS}$ | Ground |
| 6 | ORG | Internal Organization (x8 / x16) |
| 7 | DU | Don't Use / No Connection |
| 8 | $V_{CC}$ | Supply Voltage |
---
### 4. Part Number Breakdown: M93C86-RMB3
* **M93C86:** Device Family (16 Kbit Microwire EEPROM).
* **-R:** Operating Voltage Range (1.8V to 5.5V).
* **MB:** Package Code (UFDFPN8 2x3mm).
* **3:** Temperature Range (-40°C to +125°C).
---
### 5. Application Areas
Due to its high endurance and wide temperature range, this part is commonly found in:
* **Automotive:** Storing calibration data or odometer readings.
* **Industrial:** Configuration storage for sensors and controllers.
* **Consumer Electronics:** Parameter storage in battery-powered devices.
- ⤷
How does the ORG pin specifically change the addressing logic?
- ⤷ What are the main differences between Microwire and SPI interfaces?
- ⤷ Can this EEPROM be used in 3.3V systems without level shifters?