M93C86-RMB3G/W
AI

The **M93C86-RMB3G/W** is an 8-Kbit (16,384-bit) serial Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by STMicroelectronics. It is commonly used for non-volatile data storage in consumer electronics and industrial applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2,048 x 8 bits or 1,024 x 16 bits) |
| **Interface** | MICROWIRE (Serial Peripheral Interface) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temperature** | -40°C to +125°C |
| **Write Endurance** | 4 Million cycles |
| **Data Retention** | 200 Years |
---
### 2. Functional Description
The device is organized internally as either 8-bit bytes or 16-bit words, depending on the logic level applied to the **ORG** (Organization) pin.
* **Sequential Read:** It allows the user to read the entire contents of the memory in a single continuous stream.
* **Write Protection:** Includes a Write Enable (WEN) and Write Disable (WDS) instruction set to prevent accidental data overwriting.
* **Self-Timed Programming:** The write cycle is internally timed, meaning the chip handles the high-voltage pulsing required to change memory states without external intervention.
---
### 3. Pinout Configuration (UFDFPN8)
The following table describes the standard 8-pin layout for this component:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | S | Chip Select (Active High) |
| 2 | C | Serial Clock |
| 3 | D | Serial Data Input |
| 4 | Q | Serial Data Output |
| 5 | Vss | Ground |
| 6 | ORG | Internal Organization (x8 or x16) |
| 7 | DU | Don't Use (Must be left floating or tied to Vss) |
| 8 | Vcc | Supply Voltage |
---
### 4. Part Number Decoding (M93C86-RMB3G/W)
* **M93C86:** 16 Kbit MICROWIRE Serial EEPROM.
* **-R:** Operating voltage range (1.8V to 5.5V).
* **MB:** UFDFPN8 (2x3 mm) package.
* **3:** Temperature range 3 (-40 to +125°C).
* **G:** ECOPACK2 (RoHS compliant).
* **W:** Process technology version.
---
- ⤷What is the difference between MICROWIRE and SPI interfaces?
- ⤷ How does the ORG pin affect the data addressing?
- ⤷ What are the common use cases for 16-Kbit EEPROMs?