M93C86-RMB3P
AI

The **M93C86-RMB3P** is a high-performance, low-voltage serial EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by **STMicroelectronics**. It is widely used for non-volatile data storage in consumer electronics and industrial applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2,048 x 8 bits or 1,024 x 16 bits) |
| **Interface** | MICROWIRE (Serial 3-Wire) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (@ 5V), 1 MHz (@ 1.8V) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Temperature Range** | -40°C to +125°C (Grade 3) |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
### 2. Functional Description
The M93C86-RMB3P acts as a secondary storage device for microcontrollers. Unlike RAM, it retains its data even when power is removed.
* **Organization:** The device is "user-configurable." By setting the **ORG** pin, the user can choose whether the memory is accessed as 8-bit bytes or 16-bit words.
* **Sequential Read:** It supports sequential reading, allowing the controller to pull large blocks of data without sending a new address for every byte.
* **Write Protection:** It includes a "Write Enable" and "Write Disable" instruction set to prevent accidental data corruption during power-up or power-down cycles.
---
### 3. Pinout Configuration (UFDFPN8)
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **S** | Chip Select | Activates the device when set high. |
| **D** | Serial Data Input | Receives instructions and data. |
| **Q** | Serial Data Output | Outputs data or "Ready/Busy" status. |
| **C** | Serial Clock | Synchronizes data transfer. |
| **ORG** | Organization Select | High = x16 organization; Low/Floating = x8 organization. |
| **Vcc / Vss** | Power / Ground | Power supply and reference ground. |
---
### 4. Typical Applications
* **Automotive:** Storing calibration data or odometer settings (due to high temperature rating).
* **Consumer Electronics:** Storing user preferences in TVs or smart appliances.
* **Industrial:** Configuration parameters for sensors and motor controllers.
---
- ⤷
What is the difference between MICROWIRE and SPI interfaces?
- ⤷ How does the ORG pin affect the addressing of the M93C86?
- ⤷ Can you provide a C code snippet for reading data from this EEPROM?