M93C86-RMB3P/S
AI

The **M93C86-RMB3P/S** is a specific variant of the 16-Kbit serial Microwire EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is commonly used for parameter storage in automotive and industrial applications.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of this specific part number.
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2048 x 8 bits or 1024 x 16 bits) |
| **Interface** | Microwire (3-Wire Serial) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) |
| **Package Type** | UFDFPN8 (MLP8) - 2x3 mm |
| **Temperature Range** | -40°C to +125°C (Automotive Grade 3) |
| **Write Cycles** | 4 Million cycles |
| **Data Retention** | 200 Years |
---
## 2. Part Number Breakdown
Understanding the suffix codes helps identify the specific constraints of the component:
* **M93C86**: Base part number for the 16-Kbit Microwire EEPROM.
* **-R**: Indicates the device operates at a low voltage range (**1.8V to 5.5V**).
* **MB**: Designates the package type **UFDFPN8** (Ultra-thin Fine pitch Dual Flat No-lead, 2x3mm).
* **3**: Temperature range suffix for **-40 to +125 °C**.
* **P/S**: Packing and Lead-free status (typically Tape & Reel with RoHS compliance).
---
## 3. Key Operational Features
The device is designed for high-reliability environments. Key features include:
### Organizational Flexibility
The device features a "Sequential Read" mode and a user-selectable organization via the **ORG pin**:
* If ORG is connected to $V_{CC}$, it is organized as **1024 x 16 bits**.
* If ORG is connected to $V_{SS}$ (GND), it is organized as **2048 x 8 bits**.
### Write Protection
To prevent accidental data corruption, the chip includes a **Write Enable (WEN)** and **Write Disable (WDS)** instruction set. The device powers up in a "Write Disabled" state to ensure data integrity during power fluctuations.
### Enhanced Durability
Unlike standard consumer EEPROMs, the "3" grade (Automotive) ensures the part can withstand extreme thermal cycling and high-vibration environments found in Engine Control Units (ECUs) or sensor modules.
---
## 4. Typical Connection Diagram
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | S | Chip Select |
| 2 | C | Serial Clock |
| 3 | D | Serial Data Input |
| 4 | Q | Serial Data Output |
| 5 | Vss | Ground |
| 6 | ORG | Internal Organization (x8 or x16) |
| 7 | DU | Don't Use (Leave floating) |
| 8 | Vcc | Supply Voltage |
- ⤷
What are the main differences between the Microwire and I2C interfaces for EEPROMs?
- ⤷ Can this EEPROM be used in 3.3V systems without level shifters?
- ⤷ How does the '4 million write cycles' limit affect the lifespan in logging applications?