M93C86-RMB3TG
AI

### Overview of M93C86-RMB3TG
The **M93C86-RMB3TG** is a high-speed, low-voltage, serial Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by **STMicroelectronics**. It belongs to the 16-Kbit family of Microwire bus devices.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2048 x 8 bits or 1024 x 16 bits) |
| **Interface** | Microwire (3-Wire Serial) |
| **Supply Voltage ($V_{CC}$)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) |
| **Write Cycles** | More than 4 million cycles |
| **Data Retention** | More than 200 years |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
---
### Key Electronic Components & Internal Architecture
#### 1. Memory Array
The core of the device is a **16,384-bit** non-volatile memory cell array. It is organized flexibly, allowing the user to select the word length (8-bit or 16-bit) via the **ORG (Organization)** pin.
#### 2. Control Logic & Shift Register
- **Instruction Decoder:** Interprets serial commands such as READ, WRITE, ERASE, and Write Enable/Disable.
- **Serial-to-Parallel Converter:** Since data enters bit-by-bit via the **D (Data Input)** pin, this internal logic converts it into byte or word formats for the memory array.
#### 3. Protection Circuitry
- **Write Enable/Disable (WEN/WDS):** A specific software instruction must be sent before any write operation to prevent accidental data corruption.
- **Power-on Data Protection:** The device remains in a "Write Disabled" state until the power supply reaches a stable operating voltage.
---
### Pin Configuration (UFDFPN8)
| Pin Name | Description | Function |
| :--- | :--- | :--- |
| **S (CS)** | Chip Select | Activates the device when held High. |
| **D (DI)** | Serial Data Input | Receives instructions and data bits. |
| **Q (DO)** | Serial Data Output | Outputs data during a Read cycle. |
| **C (SK)** | Serial Clock | Synchronizes the data transfer. |
| **ORG** | Organization Select | High = x16 organization; Low/Floating = x8 organization. |
| **VCC/VSS** | Power Supply | Positive supply and Ground. |
---
### Application Usage
Because of its small footprint (UFDFPN8) and high durability, this part is commonly used in:
* **Automotive:** Storing calibration data and odometer settings.
* **Industrial:** Configuration storage for sensors and actuators.
* **Consumer Electronics:** Storing firmware settings and user preferences in space-constrained devices.
- ⤷
What are the main differences between the Microwire and I2C protocols for EEPROMs?
- ⤷ How does the ORG pin impact the memory addressing of the M93C86?
- ⤷ Can you explain the significance of the 'RMB3TG' suffix in the part number?