M93C86-RMB3TP/W
AI

The **M93C86-RMB3TP/W** is a specific variant of a serial Microwire EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is commonly used for non-volatile data storage in automotive and industrial applications.
---
## 1. Technical Specifications
The part number encodes specific characteristics regarding its capacity, voltage, and packaging.
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2048 x 8 bits or 1024 x 16 bits) |
| **Interface** | Microwire (Serial 3-Wire) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 5V), 1 MHz (at 1.8V) |
| **Package Type** | UFDFPN8 (MLP8) - 2x3 mm |
| **Temperature Range** | -40°C to +125°C (Automotive Grade 3) |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
## 2. Key Internal Components
The electronic architecture of the M93C86-RMB3TP/W consists of several functional blocks:
### A. Memory Array
The core consists of **16,384 bits** of non-volatile storage. The device features a user-selectable organization via the **ORG pin**:
* **ORG High:** Organized as 1024 words of 16 bits.
* **ORG Low/Floating:** Organized as 2048 words of 8 bits.
### B. Control Logic & Instruction Decoder
This section handles the Microwire protocol. It interprets opcodes for:
* `READ`: Read data from memory.
* `WRITE`: Write data to memory.
* `ERASE`: Erase a specific address or the entire chip.
* `EWEN/EWDS`: Erase/Write Enable and Disable (security latch).
### C. Charge Pump
Since the chip operates at low voltages (as low as 1.8V) but requires higher voltages to tunnel electrons into the floating-gate transistors, an **internal charge pump** generates the necessary programming voltage.
---
## 3. Pin Configuration (UFDFPN8)
The device uses a compact 8-pin layout to minimize PCB footprint.
| Pin | Name | Function |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Organization Select (x8 or x16) |
| 7 | **DU** | Don't Use (Must be connected to Vss or left floating) |
| 8 | **Vcc** | Supply Voltage |
---
## 4. Part Number Breakdown
The suffix **RMB3TP/W** provides critical logistics and manufacturing info:
* **R**: 1.8V to 5.5V operating voltage.
* **MB**: UFDFPN8 (2x3mm) package.
* **3**: Range 3 temperature (-40 to +125 °C).
* **TP**: Tape and Reel packaging.
* **W**: High reliability/Automotive grade process.
---
- ⤷
How does the Microwire protocol differ from standard SPI in this EEPROM?
- ⤷ What are the specific power consumption ratings for the M93C86 during standby and active modes?
- ⤷ Can you provide a wiring diagram example for connecting this to a 3.3V microcontroller?