M93C86-RMB6G
AI

### M93C86-RMB6G Overview
The **M93C86-RMB6G** is a high-performance, low-voltage **EEPROM** (Electrically Erasable Programmable Read-Only Memory) manufactured by **STMicroelectronics**. It belongs to the MICROWIRE bus interface family and is widely used for non-volatile data storage in industrial and consumer electronics.
---
### Technical Specifications
The table below outlines the core technical parameters of the device:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2048 x 8 bits or 1024 x 16 bits) |
| **Interface** | MICROWIRE (3-Wire Serial) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V) / 1 MHz (at 1.8V) |
| **Package Type** | UFDFPN8 (MLP8) - Ultra-thin Fine Pitch Dual Flat No-lead |
| **Operating Temp** | -40°C to +85°C |
| **Write Cycles** | 4,000,000 Cycles (Endurance) |
| **Data Retention** | 200 Years |
---
### Key Pin Functions
The device uses a standard 8-pin layout, though the **RMB6G** suffix specifically refers to the ultra-thin UFDFPN package.
1. **S (Chip Select):** Activates the device when held high.
2. **D (Serial Data Input):** Used to transfer opcodes, addresses, and data.
3. **Q (Serial Data Output):** Used to read data out of the memory.
4. **C (Serial Clock):** Synchronizes all data transfers.
5. **ORG (Organization):** Sets the memory architecture (x8 or x16).
6. **Vcc/Vss:** Power supply and Ground.
---
### Part Number Breakdown: M93C86-RMB6G
Understanding the suffix helps in identifying the specific physical and chemical properties of the chip:
* **M93C86**: Base Part Number (16 Kbit MICROWIRE EEPROM).
* **-R**: Operating Voltage range (1.8V to 5.5V).
* **MB**: Package type (UFDFPN8, 2x3mm).
* **6**: Temperature Range (-40 to +85°C).
* **G**: ECOPACK2 (RoHS compliant, Lead-free, and Halogen-free).
---
### Applications
Because of its high endurance and long data retention, the M93C86 is ideal for:
* **Parameter Storage:** Storing calibration data or user preferences.
* **Medical Devices:** Reliable logging of patient settings.
* **Industrial Control:** Storing configuration constants that rarely change.
* **Automotive:** Used in non-safety critical systems like infotainment or seat memory.
- ⤷
How does the ORG pin change the memory organization between x8 and x16?
- ⤷
What are the main differences between MICROWIRE and SPI interfaces?
- ⤷
Can you explain the power-on-reset (POR) behavior of this EEPROM?