M93C86-RMB6TG
AI

## Technical Overview: M93C86-RMB6TG
The **M93C86-RMB6TG** is a high-performance, low-voltage **EEPROM** (Electrically Erasable Programmable Read-Only Memory) chip manufactured by STMicroelectronics. It belongs to the MICROWIRE bus family, commonly used for non-volatile data storage in industrial and automotive applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2,048 x 8 bits or 1,024 x 16 bits) |
| **Interface** | MICROWIRE (3-wire serial) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (@ 5V), 1 MHz (@ 1.8V) |
| **Package Type** | UFDFPN8 (MLP8) - 2x3 mm |
| **Operating Temperature** | -40°C to +85°C |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
### 2. Electronic Architecture & Pins
The device is designed with a flexible architecture that allows the user to define the word width (8-bit or 16-bit) via the **ORG** pin.
#### Pin Configuration (UFDFPN8)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select (Active High) |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Organization Select (High = x16, Low/Floating = x8) |
| 7 | **DU** | Don't Use (Must be connected to Vss or left floating) |
| 8 | **Vcc** | Supply Voltage |
---
### 3. Core Features
* **Self-Timed Programming:** The chip includes an internal timer that manages the write cycle, meaning the system MCU does not need to manage the erase/write timing.
* **Ready/Busy Status:** During a write cycle, the Data Output (Q) pin can be polled to check if the memory is busy or ready for the next instruction.
* **Sequential Read:** It supports reading the entire memory contents through a single instruction by continuing to provide clock pulses.
* **Power-On Data Protection:** Includes a specific circuit to prevent "ghost" writes during power-up or power-down sequences.
---
### 4. Part Number Breakdown
Understanding the suffix **RMB6TG**:
* **R**: Operating Voltage (1.8V to 5.5V).
* **MB**: Package type (UFDFPN8, 2x3 mm).
* **6**: Industrial temperature range (-40°C to +85°C).
* **T**: Tape and Reel packing.
* **G**: ECOPACK2 (RoHS compliant/Lead-free).
---
### 5. Common Applications
* **Consumer Electronics:** Storing calibration data in cameras or displays.
* **Industrial:** Parameter storage for sensors and motor controllers.
* **Automotive:** Storing odometer data or user preferences in infotainment systems.
- ⤷
How does the ORG pin change the memory addressing logic?
- ⤷ What is the difference between the M93C86 and the M24C16 (I2C) series?
- ⤷ What are the specific timing requirements for the MICROWIRE protocol in this chip?