Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M93C86-RMB7

  • AI
    ## Technical Overview of M93C86-RMB7 The **M93C86-RMB7** is a specific variant of the 16-Kbit serial MICROWIRE EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by **STMicroelectronics**. It is widely used for non-volatile data storage in automotive and industrial applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 16 Kbit (2048 x 8 bits or 1024 x 16 bits) | | **Interface** | MICROWIRE (Serial Peripheral Interface variant) | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) | | **Write Cycles** | More than 1,000,000 (1 Million) | | **Data Retention** | More than 40 Years | | **Operating Temperature** | -40°C to +105°C (Grade 7) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | --- ### 2. Part Number Breakdown: M93C86-RMB7 To understand the specific features of this component, we must decode the suffix: * **M93C86**: The base model number (16 Kbit Microwire EEPROM). * **-R**: Indicates a wide voltage range (1.8V to 5.5V). * **MB**: Indicates the package code for **UFDFPN8** (2x3 mm). * **7**: Indicates **Device Grade 7**, which means the chip is rated for temperatures between **-40°C and +105°C**. --- ### 3. Functional Pinout (UFDFPN8) The device typically uses 8 pins to facilitate communication and power: | Pin Name | Function | Description | | :--- | :--- | :--- | | **S (CS)** | Chip Select | Activates the device when set High. | | **D (SI)** | Serial Data Input | Receives instructions and data. | | **Q (SO)** | Serial Data Output | Outputs data during read operations. | | **C (SK)** | Serial Clock | Synchronizes data movement. | | **ORG** | Organization | Selects between x8 or x16 memory structure. | | **PE** | Program Enable | Hardware protection against accidental writes. | | **Vcc / Vss** | Power / Ground | Power supply pins. | --- ### 4. Distinctive Features * **Selectable Organization:** By pulling the `ORG` pin High or Low, the user can choose to access the memory as 2048 bytes (8-bit) or 1024 words (16-bit). * **Self-Timed Write Cycle:** The chip includes an internal timer that manages the "Write" or "Erase" duration (typically 5ms), freeing up the host microcontroller. * **READY/BUSY Status:** During a write cycle, the Data Output (Q) pin can be polled to check if the internal write operation is complete. * **Sequential Read:** It supports reading the entire memory contents in a single continuous stream. --- ### 5. Common Applications 1. **Automotive:** Storing odometer data, calibration settings, and radio presets. 2. **Industrial:** Configuration parameters for sensors and motor controllers. 3. **Consumer Electronics:** Storing MAC addresses or unique device IDs. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M93C86 and the standard SPI-based M95 series?
    • ⤷ How does the ORG pin change the memory addressing logic?
    • ⤷ What are the specific soldering requirements for the UFDFPN8 package?