Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M93C86-RMB7G

  • AI
    ### Technical Overview of M93C86-RMB7G The **M93C86-RMB7G** is a specific variant of a serial EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by **STMicroelectronics**. It belongs to the M93Cx6 family, which uses a Microwire bus interface. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 16 Kbit (2,048 x 8 bits or 1,024 x 16 bits) | | **Interface** | Microwire (3-wire) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (@ 5V) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Temperature Range** | -40°C to +105°C (Grade 7) | | **Write Cycles** | 4 Million cycles | | **Data Retention** | 200 Years | --- ### 2. Part Number Breakdown Understanding the suffix is critical for identifying the specific physical characteristics of this chip: * **M93C86**: The base model number (16 Kbit capacity). * **-R**: Indicates the supply voltage range of **1.8V to 5.5V**. * **MB**: Specifies the package type, in this case, **UFDFPN8** (2x3 mm). * **7**: Indicates **Grade 7** temperature range (-40 to +105°C), which is suitable for demanding industrial or automotive environments. * **G**: Indicates **ECOPACK2** (RoHS compliant, Halogen-free). --- ### 3. Functional Details #### A. Organization (ORGN Pin) The device is user-configurable. Depending on the logic level applied to the **ORG** pin: * **High (Vcc):** Organized as 1024 words of 16 bits each. * **Low (GND):** Organized as 2048 words of 8 bits each. #### B. The Microwire Bus Unlike I2C (2 wires) or SPI (4 wires), the Microwire interface typically uses: 1. **S (Chip Select):** Selects the device. 2. **C (Serial Clock):** Synchronizes data transfer. 3. **D (Serial Data Input):** Receives instructions and data. 4. **Q (Serial Data Output):** Sends data back to the MCU. #### C. Write Protection The device includes a specific instruction set to prevent accidental data loss: * **WEN (Write Enable):** Must be sent before any write operation. * **WDS (Write Disable):** Disables all write instructions for data security. --- ### 4. Applications Due to its high endurance (4 million cycles) and wide temperature range, the M93C86-RMB7G is commonly found in: * **Automotive Modules:** Calibration data storage for sensors or dashboard settings. * **Industrial Controllers:** Storing configuration parameters and error logs. * **Consumer Electronics:** Maintaining user settings in appliances.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the Microwire interface and the SPI interface used in EEPROMs?
    • ⤷ Can the M93C86-RMB7G be used in automotive applications requiring AEC-Q100 qualification?
    • ⤷ How does the UFDFPN8 package footprint compare to a standard SO8 package?