M93C86-RMB7TG
AI

The **M93C86-RMB7TG** is a high-reliability, low-voltage serial EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is commonly used in automotive and industrial applications for storing small amounts of configuration data that must persist after power is lost.
---
## 1. Technical Specifications
Below is a breakdown of the key electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2,048 x 8-bit or 1,024 x 16-bit) |
| **Interface** | MICROWIRE (Serial 3-Wire) |
| **Voltage Range** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) |
| **Write Cycles** | 4 million cycles (at 25°C) |
| **Data Retention** | 200 years |
| **Operating Temp** | -40°C to +105°C |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
---
## 2. Key Internal Components & Features
### A. Memory Organization
The chip features a flexible organization. Depending on the state of the **ORG** pin, the memory can be accessed as:
* **8-bit bytes:** (2048 x 8)
* **16-bit words:** (1024 x 16)
### B. Serial Interface (MICROWIRE)
Unlike I2C or SPI, this uses the Microwire protocol, which consists of:
* **S (Chip Select):** Enables the device.
* **D (Serial Data Input):** Receives instructions and data.
* **Q (Serial Data Output):** Sends data back to the microcontroller.
* **C (Serial Clock):** Synchronizes data transfer.
### C. Write Protection
The device includes a **Write Enable (WEN)** and **Write Disable (WDS)** instruction set. This prevents accidental data corruption due to noise or power fluctuations by locking the memory against write commands.
---
## 3. Part Number Breakdown (M93C86-RMB7TG)
Understanding the suffix is critical for procurement and PCB design:
* **M93C86:** Base Part Number (16 Kbit Microwire EEPROM).
* **-R:** Operating Voltage (1.8V to 5.5V).
* **MB:** Package Type (UFDFPN8 / DFN8).
* **7:** Device Grade (Automotive/Industrial temp -40 to +105°C).
* **T:** Packing (Tape & Reel).
* **G:** RoHS compliant / Green (Halogen-free).
---
## 4. Typical Application Circuit
When integrating this part into a circuit, standard electronic practices include:
1. **Decoupling Capacitor:** A 100nF ceramic capacitor placed as close as possible to the $V_{CC}$ and $V_{SS}$ pins to filter power supply noise.
2. **Pull-up/Pull-down Resistors:** Usually required on the Chip Select (S) line to ensure the device remains in a known "disabled" state during microcontroller power-up.
- ⤷
What are the main differences between MICROWIRE and SPI protocols for EEPROMs?
- ⤷ Can you provide the pinout diagram for the UFDFPN8 package?
- ⤷ What are the common automotive use cases for an 16Kbit EEPROM?