M93C86-RMB7TP
AI

## Technical Overview: M93C86-RMB7TP
The **M93C86-RMB7TP** is a specific variant of the 16-Kbit serial Microwire EEPROM manufactured by **STMicroelectronics**. It is widely used for non-volatile data storage in applications requiring low power consumption and small footprints.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2,048 x 8 bits or 1,024 x 16 bits) |
| **Interface** | Microwire (3-wire serial) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Temperature Range** | -40°C to +105°C (Grade 7) |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 Years |
---
### 2. Breakdown of the Part Number
The suffix **-RMB7TP** provides specific details about the physical and chemical properties of the chip:
* **M93C86**: Base part number (16 Kbit Microwire EEPROM).
* **-R**: Indicates the operating voltage range (1.8 V to 5.5 V).
* **MB**: Represents the package code (**UFDFPN8** 2x3 mm).
* **7**: Indicates the operating temperature range (**Grade 7**: -40 to +105 °C).
* **T**: Indicates the delivery method (**Tape & Reel**).
* **P**: Indicates the manufacturing process/material (RoHS compliant, Halogen-free).
---
### 3. Electronic Functionality
#### Memory Organization
The device can be configured to operate in either **8-bit** or **16-bit** mode depending on the logic level applied to the **ORG** (Organization) pin:
* **ORG at VCC:** 1024 words of 16 bits each.
* **ORG at GND:** 2048 words of 8 bits each.
#### The Microwire Interface
Unlike I2C or SPI, the Microwire interface utilizes a simple 3-wire protocol consisting of:
1. **S (Chip Select):** Initiates communication when high.
2. **D (Serial Data Input):** Receives instructions and data.
3. **Q (Serial Data Output):** Sends data back to the microcontroller.
4. **C (Serial Clock):** Synchronizes data transfer.
---
### 4. Typical Applications
* **Automotive:** Storing calibration data and odometer settings (due to the -40 to +105°C range).
* **Industrial:** Configuration storage in sensors and controllers.
* **Consumer Electronics:** Settings retention in appliances and smart devices.
---
- ⤷
What are the main differences between the Microwire interface and the SPI interface?
- ⤷ Can you provide the pinout diagram for the UFDFPN8 package?
- ⤷ How does the 'Write Protection' feature work on this specific EEPROM?