Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M95128-RMW3TP

  • AI
    ## Overview of the M95128-RMW3TP The **M95128-RMW3TP** is a high-performance, electrically erasable programmable memory (EEPROM) manufactured by **STMicroelectronics**. It is commonly used for data storage in applications that require frequent writes and high reliability, such as automotive, industrial, and consumer electronics. --- ### Technical Specifications The following table highlights the core electrical and physical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Memory Size** | 128 Kbit (16,384 x 8 bits) | | **Interface** | SPI (Serial Peripheral Interface) | | **Clock Frequency** | Up to 20 MHz | | **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Package Type** | MLP / DFN / SO8 (W) | | **Write Cycles** | 4 million cycles (typical) | | **Data Retention** | 40 years | | **Operating Temperature** | -40°C to +125°C | --- ### Key Electronic Components and Features #### 1. The SPI Interface The device communicates via a 4-wire SPI bus. This allows for high-speed data transfer compared to $I^2C$ interfaces. The pins involved are: * **S (Chip Select):** Activates the device. * **D (Serial Data Input):** Receives instructions and data. * **Q (Serial Data Output):** Sends data to the host controller. * **C (Serial Clock):** Synchronizes data movement. #### 2. Write Protection Mechanisms To prevent accidental data corruption, the chip includes: * **W (Write Protect) Pin:** A hardware signal to freeze memory contents. * **Status Register:** Software-based write protection bits (BP0, BP1) that define specific blocks of memory as read-only. #### 3. Page Write Buffer The chip features a **64-byte page write** capability. This allows the system to write up to 64 bytes of data in a single internal write cycle (~5ms), significantly improving throughput compared to byte-by-byte writing. #### 4. Low Power Consumption The "R" in the part number signifies a low-voltage range (1.8V to 5.5V). This makes it ideal for battery-powered devices where minimizing current draw during "Deep Power-Down" mode is critical. --- ### Part Number Breakdown The suffix **RMW3TP** provides specific details about the manufacturing configuration: * **95128:** 128 Kbit density. * **-R:** Operating voltage range (1.8V to 5.5V). * **MW:** Package code (usually SO8 Narrow, 150 mil width). * **3:** Device grade (Automotive/Industrial temperature range -40°C to 125°C). * **TP:** Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ How does the SPI clock frequency change based on the supply voltage?
    • ⤷ What are the specific steps to enable the hardware write protection?
    • ⤷ Can this EEPROM be used in applications requiring AEC-Q100 qualification?