Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MA21TAD-R

  • AI
    The **MA21TAD-R** is a specific model of an **Electromagnetic Actuator** (often categorized under Solenoids or Linear Actuators), typically manufactured by companies like **Takaha Kiko**. These components are designed to convert electrical energy into mechanical linear motion. --- ## 1. Technical Specifications The "MA" series generally represents a push-pull type solenoid. Below are the typical technical characteristics associated with this part: | Parameter | Description | | :--- | :--- | | **Type** | DC Solenoid (Tubular/Cylindrical) | | **Operation** | Push or Pull (depending on linkage) | | **Voltage Options** | Typically 6V, 12V, or 24V DC | | **Duty Cycle** | Intermittent or Continuous (Model specific) | | **Terminal Type** | Lead wires or Pin terminals | | **Mounting** | Nut/Threaded Bushing | --- ## 2. Key Electronic Components & Construction The MA21TAD-R consists of several internal parts that allow it to function within an electronic circuit: ### A. The Coil (Solenoid) The heart of the device is a coil of copper wire. When current flows through this coil, it generates a magnetic field. * **Resistance:** The DC resistance of the coil determines the current draw ($I = V/R$). * **Insulation:** Rated for specific temperature classes (e.g., Class A or Class E). ### B. The Plunger (Armature) A movable iron rod located inside the coil. When the coil is energized, the magnetic flux pulls the plunger toward the center of the coil. ### C. Return Spring The "-R" in many part numbers indicates a **Return Spring**. This mechanical component pushes the plunger back to its original "rest" position once the electrical power is disconnected. ### D. Diode (External Requirement) While not always built-in, this part requires a **Flyback Diode** (e.g., 1N4007) connected in parallel to protect your driving electronics (like a MOSFET or Transistor) from high-voltage spikes caused by back-EMF when the coil is turned off. --- ## 3. Driving Circuitry Example To control the MA21TAD-R with a microcontroller (like an Arduino), you typically use a switching circuit: ```cpp // Simple Arduino pseudocode to activate the actuator int solenoidPin = 9; void setup() { pinMode(solenoidPin, OUTPUT); } void loop() { digitalWrite(solenoidPin, HIGH); // Extend plunger delay(1000); // Hold for 1 second digitalWrite(solenoidPin, LOW); // Retract via Spring delay(5000); } ``` --- ## 4. Common Applications * **Automated Locking:** Electronic door latches or cabinet locks. * **Sorting Mechanisms:** Pushing items off a conveyor belt in industrial lines. * **Office Equipment:** Paper feed mechanisms in printers or scanners. * **Vending Machines:** Product release triggers.
    ✨ Follow-up Questions
    • ⤷ What is the maximum duty cycle for the MA21TAD-R to prevent overheating?
    • ⤷ Which flyback diode is recommended for a 24V version of this actuator?
    • ⤷ How do I calculate the force output based on the input voltage?