Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MA24TAG-R

  • AI
    The **MA24TAG-R** is an IEEE 802.15.4 compliant 2.4GHz wireless transceiver module, typically utilized in low-power wireless sensor networks, Zigbee applications, and industrial remote control systems. Below is a breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The module is built around a high-performance Radio Frequency (RF) integrated circuit (often based on the CC2420 or similar architectures). | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2.405 GHz to 2.480 GHz | | **Wireless Standard** | IEEE 802.15.4 | | **Operating Voltage** | 2.1V to 3.6V DC | | **Data Rate** | 250 kbps | | **Modulation** | O-QPSK (Offset Quadrature Phase Shift Keying) | | **Output Power** | Typical 0 dBm | | **Receiver Sensitivity** | -90 dBm to -94 dBm | --- ## 2. Key Internal Electronic Components ### A. RF Transceiver Core The heart of the module handles the physical layer of the 802.15.4 protocol. It includes: * **Digital Modem:** Handles modulation and demodulation. * **Packet Filtering:** Hardware-based address recognition and CRC (Cyclic Redundancy Check). ### B. Antenna System The "R" suffix in the part number often denotes a specific antenna configuration. * **Integrated Antenna:** Usually features a PCB trace antenna or a ceramic chip antenna. * **External Port:** Some variants include a U.FL or SMA connector for extended range via an external dipole antenna. ### C. Interface and I/O The module communicates with a host microcontroller (MCU) through standard digital interfaces: * **SPI (Serial Peripheral Interface):** Used for configuration and data transfer. * **GPIO Pins:** Used for interrupts, status signaling (e.g., "Clear Channel Assessment"), and reset functions. --- ## 3. Power Management Because these modules are often used in battery-operated devices, the electronic design emphasizes low current consumption: * **Active RX:** ~18-20 mA * **Active TX:** ~17-19 mA * **Deep Sleep Mode:** < 1 µA (Current draw is minimized by shutting down the internal oscillator and RF stages). --- ## 4. Typical Application Circuit When integrating the MA24TAG-R into a PCB design, the following supporting components are required: 1. **Decoupling Capacitors:** 100nF and 10µF capacitors near the VCC pin to filter noise. 2. **Logic Level Shifting:** If the host MCU operates at 5V, a level shifter is required as the MA24TAG-R is strictly a 3.3V device. 3. **Crystal Oscillator:** An internal or external 16MHz/32MHz crystal (depending on the specific module revision) to provide the clock for the RF frequency synthesizer. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum effective range of the MA24TAG-R in an open field?
    • ⤷ How does the MA24TAG-R interface with an Arduino or ESP32?
    • ⤷ What are the differences between the R-version and other versions of this module?