MA25TBA-R
AI

The **MA25TBA-R** is a specialized high-performance cooling component, typically identifying a **DC Axial Fan** manufactured by **Sanyo Denki** (San Ace series). These fans are engineered for industrial applications requiring high reliability and significant airflow in a compact form factor.
---
### Technical Specifications
The following table outlines the typical electrical and mechanical characteristics of the MA25TBA-R series:
| Feature | Specification |
| :--- | :--- |
| **Type** | DC Axial Fan |
| **Operating Voltage** | 12V DC (Standard) |
| **Frame Size** | 120mm x 120mm x 25mm (Typical for MA series) |
| **Bearing Type** | Dual Ball Bearing |
| **Housing Material** | Aluminum or High-Temp Plastic (PBT) |
| **Termination** | Lead Wires (Red/Black/Yellow) |
| **Safety Certifications** | UL, CSA, TUV |
---
### Key Electronic Components & Features
#### 1. Brushless DC (BLDC) Motor
The core of the fan is a 3-phase or single-phase brushless motor. Unlike brushed motors, it uses electronic commutation to switch the polarity of the stator coils, reducing friction and EMI (Electromagnetic Interference).
#### 2. Integrated Circuit (IC) Controller
The "R" suffix often denotes a specific sensor or control output. The internal PCB contains:
* **Hall Effect Sensor:** Detects the position of the permanent magnets on the rotor to synchronize switching.
* **Locked Rotor Protection:** Automatically shuts down power if the blades are obstructed to prevent the motor coils from burning out.
* **Auto-Restart:** Periodically attempts to spin the fan again once the obstruction is cleared.
#### 3. Signal Output (Pulse/Tachometer)
The "R" in the model number frequently indicates a **Sensor Output** (often a Tachometer or Pulse sensor).
* **Yellow Wire:** Usually provides a square wave signal to the system's motherboard or controller to monitor the actual RPM.
* **Alarm Signal:** Some variants use this to trigger a "Low Speed" or "Fan Fail" logic high/low signal.
---
### Typical Wiring Diagram
```markdown
Wire Color | Function | Description
-----------|---------------|----------------------------------
Red | VCC (+) | Positive Power Supply (12V)
Black | GND (-) | Ground
Yellow/Blue| Sensor Output | Tachometer (RPM) or Locked Rotor Alarm
```
### Applications
* **Server Enclosures:** Constant, high-reliability cooling for 24/7 operation.
* **Power Supplies:** Heat dissipation for high-wattage industrial PSUs.
* **Telecommunications:** Cooling for base stations and networking racks.
---
- ⤷What is the difference between the 'R' and 'S' suffix in Sanyo Denki fan models?
- ⤷ How do I calculate the CFM (Cubic Feet per Minute) for this fan?
- ⤷ Can this fan be controlled using Pulse Width Modulation (PWM)?