MA68FCA-R
AI

The **MA68FCA-R** is an integrated circuit (IC) primarily used as a **USB 2.0 to SATA Bridge Controller**. It is designed to allow storage devices (like HDDs or SSDs) to communicate with computers via the USB interface.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical and functional characteristics of the MA68FCA-R:
| Feature | Specification |
| :--- | :--- |
| **Interface (Upstream)** | USB 2.0 High-Speed (480Mbps) / Full-Speed (12Mbps) |
| **Interface (Downstream)** | SATA I (1.5Gbps) / SATA II (3.0Gbps) |
| **Package Type** | LQFP-48 (Low-profile Quad Flat Package) |
| **Operating Voltage** | 3.3V (Core) / 5V (I/O compatibility) |
| **Manufacturer** | MosArt Semiconductor |
| **Compliance** | USB Mass Storage Class (Bulk-Only Transport) |
---
### 2. Functional Components
The MA68FCA-R contains several internal electronic subsystems to manage data flow and power:
* **USB Transceiver:** Handles the physical signaling for USB communication, including differential pair management (D+/D-).
* **SATA PHY:** The physical layer responsible for converting USB data packets into the high-speed serialized signals required by SATA drives.
* **Integrated Voltage Regulator:** Often includes an internal 3.3V to 1.8V regulator to power the internal logic core, reducing the need for external components.
* **Clock Generator:** Utilizes an external crystal (typically 12MHz or 30MHz) to synchronize data transfers.
* **MCU Core:** A small embedded microprocessor that manages the "handshaking" between the host PC and the storage device.
---
### 3. Application Use Cases
This chip is typically found in the following electronic assemblies:
1. **External Hard Drive Enclosures:** Enabling legacy SATA drives to be used as portable USB drives.
2. **Optical Drive Adapters:** Converting internal CD/DVD-ROM SATA drives into external USB devices.
3. **Industrial Embedded Systems:** Used in systems where internal SATA ports are unavailable, but data logging to a disk is required.
---
### 4. Typical Connection Diagram (Simplified)
Below is a representation of how the pins are generally assigned:
```markdown
[ USB Connector ] <---> [ MA68FCA-R Controller ] <---> [ SATA HDD/SSD ]
| |
[ 12MHz Crystal ] [ Status LEDs ]
```
---
- ⤷
What are the power consumption levels of the MA68FCA-R during active data transfer?
- ⤷ Is the MA68FCA-R compatible with modern USB 3.0 ports?
- ⤷ Which external components are required on a PCB to implement this IC?