AI

Based on your query, the **MA6L1FAD-R** is an alphanumeric code typically associated with **Micro-D connectors**, specifically those following the MIL-DTL-83513 standards. These are high-density, subminiature connectors used in aerospace, defense, and high-reliability industrial applications.
Below is a breakdown of the electronic and mechanical characteristics associated with this part series.
---
## 1. Technical Specifications Table
| Feature | Specification Details |
| :--- | :--- |
| **Connector Type** | Micro-D (Subminiature D) |
| **Contact Density** | 0.050" (1.27 mm) Pitch |
| **Current Rating** | 3 Amps maximum |
| **Operating Temperature** | -55°C to +125°C |
| **Insulation Resistance** | 5000 MΩ minimum |
| **Dielectric Withstanding** | 600 VAC at sea level |
| **Contact Material** | Copper Alloy with Gold Plating |
---
## 2. Part Number Breakdown (Typical)
While specific manufacturer prefixes can vary (e.g., Glenair, ITT Cannon, or AirBorn), the code generally follows this logic:
### Key Electronic Components:
1. **MA (Series):** Identifies the Micro-D series designed for high-density environments where space is a premium.
2. **6 (Shell Size/Layout):** Refers to the number of contacts (often 9, 15, 21, 25, 31, 37, 51, or 100 pins). In this specific nomenclature, "6" usually maps to a **25-pin** configuration.
3. **L (Insulator):** Liquid Crystal Polymer (LCP) or Polyphenylene Sulfide (PPS), providing high heat resistance and electrical insulation.
4. **1 (Hardware):** Indicates the mounting hardware (e.g., jackposts or threaded inserts).
5. **FA (Contact Type):** "F" often denotes **Female** (Socket) contacts, and "A" refers to the termination style (e.g., straight PC tail or solder cup).
6. **D-R (Plating/RoHS):** "D" indicates a Cadmium or Nickel shell finish, and "**-R**" signifies **RoHS Compliance** (Lead-free).
---
## 3. Electronic Performance Features
### Twist Pin Technology
The core electronic advantage of the MA6 series is the **Twist Pin** contact system. Unlike standard stamped contacts:
* It provides 7 points of electrical contact.
* It maintains continuity under extreme vibration and shock.
* It reduces contact resistance even after hundreds of mating cycles.
### Shielding and EMI
The shell is typically made of aluminum alloy with electroless nickel plating. This provides a conductive path for **EMI/RFI shielding**, ensuring that signals passing through the pins are not corrupted by external electromagnetic interference.
---
## 4. Common Applications
* **Avionics:** Flight control systems and cockpit displays.
* **Medical:** High-resolution imaging equipment.
* **Space:** Satellite communication modules.
* **Downhole Drilling:** High-temperature sensors.
- ⤷
Which manufacturer is the primary producer for this specific MA6L1FAD-R part number?
- ⤷ Can you provide the pinout diagram for the 25-pin Micro-D configuration?
- ⤷ What are the specific mounting torque requirements for the hardware in this series?