Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • MA75TBA-R

  • AI
    The **MA75TBA-R** is a specific model of a **Miniature Circuit Breaker (MCB)** or a Molded Case Circuit Breaker (MCCB) component, typically associated with high-reliability industrial power distribution systems. --- ### 1. General Specifications The MA75TBA-R is designed to protect electrical circuits from damage caused by excess current from an overload or short circuit. Its basic function is to interrupt current flow after a fault is detected. | Feature | Description | | :--- | :--- | | **Component Type** | Circuit Breaker / Power Distribution Part | | **Series** | MA Series (Industrial Grade) | | **Mounting Style** | Typically DIN Rail or Bolt-on (depending on enclosure) | | **Common Application** | Industrial Control Panels, Motor Control Centers | --- ### 2. Electronic & Mechanical Characteristics While the device is primarily electromechanical, its "electronic" nature involves the trip unit mechanism: * **Thermal-Magnetic Trip:** It utilizes a bimetallic strip for long-term overload protection (thermal) and an electromagnet for instantaneous short-circuit protection (magnetic). * **Arc Chute:** Contains internal plates designed to extinguish the electrical arc generated when the contacts open under load. * **Contact Material:** High-conductivity silver alloy to minimize resistance and heat generation during normal operation. --- ### 3. Component Breakdown #### A. The Internal Mechanism 1. **Actuator Lever:** The manual toggle used to switch the breaker ON or OFF and to reset it after a trip. 2. **Trip Bar:** The internal linkage that triggers the opening of the contacts. 3. **Terminal Blocks:** Heavy-duty screw terminals designed to handle high-gauge wiring without significant voltage drop. #### B. The "R" Suffix Meaning In industrial parts like the MA75TBA-R, the **-R** suffix often denotes a specific configuration: * **RoHS Compliant:** Lead-free construction. * **Reverse Feed:** Ability to be wired from bottom to top. * **Right-hand orientation:** Specific physical layout for modular assemblies. --- ### 4. Technical Usage Table | Technical Parameter | Estimated Value | | :--- | :--- | | **Voltage Rating** | 240V - 480V AC (Standard Industrial) | | **Amperage Rating** | 75 Amps (indicated by the '75' in the part number) | | **Interrupt Capacity** | 5kA to 10kA (typical for this class) | | **Operating Temp** | -10°C to +50°C | --- ### 5. Safety & Maintenance * **Visual Inspection:** Check for carbon deposits (pitting) on the terminals. * **Torque Requirements:** Ensure terminal screws are tightened to the manufacturer's specified N-m (Newton-meters) to prevent overheating. * **Replacement:** These units are generally not repairable; if the internal trip mechanism fails or the casing is cracked, the entire unit must be replaced.
    ✨ Follow-up Questions
    • ⤷What is the specific interrupting rating (kA) for the MA75TBA-R?
    • ⤷ Is the MA75TBA-R compatible with standard 35mm DIN rails?
    • ⤷ Does this model support auxiliary contacts for remote monitoring?