MA76TCA-R
AI

The **MA76TCA-R** is an industrial-grade electronic component, specifically a **Surface Mount Device (SMD) Quartz Crystal Oscillator**. It is commonly utilized in telecommunications, networking, and high-precision timing circuits.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Core Technical Specifications
The "MA-76" series is manufactured by Epson (or similar licensed manufacturers) and belongs to a class of high-stability MHz range oscillators.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Quartz Crystal Oscillator (SPXO) |
| **Frequency Range** | Typically 10 MHz to 60 MHz (Standard) |
| **Frequency Tolerance** | ±50 ppm to ±100 ppm |
| **Operating Voltage** | 3.3V or 5.0V DC |
| **Package Type** | Ceramic SMD (Surface Mount) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Output Type** | CMOS / TTL Compatible |
---
## 2. Pin Configuration and Internal Logic
The MA76TCA-R usually features a 4-pin or 6-pin layout. The internal logic consists of a high-purity quartz crystal blank paired with a CMOS IC for oscillation and buffering.
### Pinout Functional Description:
1. **Standby (ST) or OE (Output Enable):** Controls whether the oscillator is active. High = Active; Low = High Impedance (Power Saving).
2. **GND:** Ground reference.
3. **OUT:** The generated clock signal (Square Wave).
4. **Vcc:** Power supply input.
---
## 3. Key Electronic Characteristics
### A. Frequency Stability
The "TCA" suffix often denotes a specific temperature compensation or stability rating. The device is designed to minimize "drift"—the change in frequency caused by aging or temperature fluctuations—ensuring the digital system stays synchronized.
### B. Load Capacitance
It is designed to drive a specific load (usually **15pF**). If the PCB trace capacitance exceeds this, the rise and fall times of the clock signal may degrade, leading to data errors in high-speed microprocessors.
### C. Low Jitter
The MA76 series is engineered for low phase noise. This is critical for RF (Radio Frequency) applications where timing "jitter" can cause signal interference or bit-error rates (BER) in data transmission.
---
## 4. Common Applications
* **Networking Hardware:** Switches, routers, and modems.
* **Industrial Automation:** PLCs (Programmable Logic Controllers) and sensor hubs.
* **Consumer Electronics:** High-end audio interfaces and video processing units.
* **Automotive:** Infotainment systems and non-safety critical ECU timing.
---
- ⤷
What are the specific soldering requirements for the MA76TCA-R package?
- ⤷ How does the 'R' suffix affect the packaging (Tape and Reel vs Tube)?
- ⤷ Can this oscillator be used as a direct replacement for the SG-8002 series?